Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NCP5392 Datasheet(PDF) 21 Page - ON Semiconductor

Part # NCP5392
Description  2/3/4-Phase Controller for CPU Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5392 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button NCP5392 Datasheet HTML 17Page - ON Semiconductor NCP5392 Datasheet HTML 18Page - ON Semiconductor NCP5392 Datasheet HTML 19Page - ON Semiconductor NCP5392 Datasheet HTML 20Page - ON Semiconductor NCP5392 Datasheet HTML 21Page - ON Semiconductor NCP5392 Datasheet HTML 22Page - ON Semiconductor NCP5392 Datasheet HTML 23Page - ON Semiconductor NCP5392 Datasheet HTML 24Page - ON Semiconductor NCP5392 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
NCP5392
http://onsemi.com
21
PWM Comparators with Hysteresis
Four PWM comparators receive an error signal at their
noninverting input. Each comparator receives one of the
triangle waves at its inverting output. The output of each
comparator generates the PWM outputs G1, G2, G3, and
G4.
During steady state operation, the duty cycle will center
on the valley of the triangle waveform, with steady state
duty cycle calculated by Vout/Vin. During a transient event,
both high and low comparator output transitions shift phase
to the points where the error signal intersects the down and
up ramp of the triangle wave.
PROTECTION FEATURES
Undervoltage Lockout (VCC and 12VMON)
An undervoltage lockout (UVLO) senses the VCC input
directly. 12 V UVLO senses the 12 V power supply by
connecting it to the 12VMON pin through an appropriate
resistor divider. During power−up, both the VCC input and
12VMON are monitored, and the PWM outputs and the
soft−start circuit are disabled until both input voltages
exceed the threshold voltages of their individual UVLO
comparators. The UVLO comparators both incorporate
hysteresis to avoid chattering.
Overcurrent Shutdown
A programmable overcurrent function is incorporated
within the IC. A comparator and latch make up this
function. The inverting input of the comparator is
connected to the ILIM pin. The voltage at this pin sets the
maximum output current the converter can produce. The
ROSC pin provides a convenient and accurate reference
voltage from which a resistor divider can create the
overcurrent setpoint voltage. Although not actually
disabled, tying the ILIM pin directly to the ROSC pin sets
the limit above useful levels − effectively disabling
overcurrent shutdown. The comparator noninverting input
is the summed current information from the VDRP minus
offset voltage. The overcurrent latch is set when the current
information exceeds the voltage at the ILIM pin. The
outputs are pulled low, and the soft−start is pulled low. The
outputs will remain disabled until the VCC voltage is
removed and re−applied, or the ENABLE input is brought
low and then high.
Output Overvoltage and Undervoltage Protection and
Power Good Monitor
An output voltage monitor is incorporated. During
normal operation, if the output voltage is 180 mV (typical)
over the DAC voltage, the VR_RDY goes low, the DRVON
signal remains high, the PWM outputs are set low. The
outputs will remain disabled until the VCC voltage is
removed and reapplied. During normal operation, if the
output voltage falls more than 350 mV below the DAC
setting, the VR_RDY pin will be set low until the output
voltage rises.
Soft−Start
There are two possible soft−start modes: AMD and
VR11. AMD mode simply ramps Vcore from 0 V directly
to the DAC setting at a fixed rate. The VR11 mode ramps
Vcore to 1.1 V boot voltage at a fixed rate of 0.8 mV/mS,
pauses at 1.1 V for around 500
mS, reads the VID pins to
determine the DAC setting. Then ramps Vcore to the final
DAC setting at the Dynamic VID slew rate of up to
12.5 mV/
mS. Typical AMD and VR11 soft−start sequences
are shown in the following graphs (Figure 9 and 10).
APPLICATION INFORMATION
The NCP5392 demo board for the NCP5392 is available
by request. It is configured as a four phase solution with
decoupling designed to provide a 1 m
W load line under a
100 A step load.
Startup Procedure
Start by installing the test tool software. It is best to
power the test tool from a separate ATX power supply. The
test tool should be set to a valid VID code of 0.5 V or above
in order for the controller to start. Consult the VTT help
manual for more detailed instruction.
Step Load Testing
The VTT tool is used to generate the di/dt step load.
Select the dynamic loading option in the VTT test tool
software. Set the desired step load size, frequency, duty,
and slew rate. See Figure 6.
Figure 6. Typical Load Step Response
(full load, 35 A − 100 A)
Dynamic VID Testing
The VTT tool provides for VID stepping based on the
Intel Requirements. Select the Dynamic VID option.
Before enabling the test set the lowest VID to 0.5 V or
greater and set the highest VID to a value that is greater than
the lowest VID selection, then enable the test. See Figures
7 and 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com