Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TL064ACD Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TL064ACD
Description  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL064ACD Datasheet(HTML) 17 Page - Texas Instruments

Back Button TL064ACD Datasheet HTML 13Page - Texas Instruments TL064ACD Datasheet HTML 14Page - Texas Instruments TL064ACD Datasheet HTML 15Page - Texas Instruments TL064ACD Datasheet HTML 16Page - Texas Instruments TL064ACD Datasheet HTML 17Page - Texas Instruments TL064ACD Datasheet HTML 18Page - Texas Instruments TL064ACD Datasheet HTML 19Page - Texas Instruments TL064ACD Datasheet HTML 20Page - Texas Instruments TL064ACD Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
TL061, TL061A, TL061B, TL062, TL062A
TL062B, TL064, TL064A, TL064B
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
SLOS078J − NOVEMBER 1978 − REVISED SEPTEMBER 2004
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
TL064
Output C
VCC+
VCC+
Output B
TL064
VCC+
Output A
TL064
VCC+
TL064
VCC+
100 k
Ω
100
µF
Input
1
µF
1 M
Ω
100 k
Ω
100 k
Ω
Figure 22. Audio-Distribution Amplifier
+
−
TIL601
10 k
Ω
15 V
Output
−15 V
5 k
Ω
100 pF
TL061
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
Figure 23. Low-Level Light Detector Preamplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com