Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FSM105 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FSM105
Description  SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FSM105 Datasheet(HTML) 1 Page - Rectron Semiconductor

  FSM105 Datasheet HTML 1Page - Rectron Semiconductor FSM105 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Fast switching
* Glass passivated device
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.015 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FSM101
THRU
FSM107
MELF
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
SURFACE MOUNT GLASS PASSIVATED
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FAST RECOVERY SILICON RECTIFIER
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Measured at 1.0 MHz and applied average voltage of 4.0VDC
2. Thermal resistance junction to terminal 6.0mm2 copper pads to each terminal.
3. Thermal resistance junction to ambient, 6.0mm2 copper pads to each terminal.
4. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
Dimensions in inches and (millimeters)
2001-4
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TA = 55
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Amps
1.0
30
75
-65 to + 175
0 C/ W
pF
0 C
UNITS
Volts
Volts
Maximum Thermal Resistance
(Note 2) R
θJL
FSM101
FSM103
FSM102
FSM104
FSM106
FSM105
FSM107
50
100
200
400
600
800
1000
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
30
Volts
Amps
15
0 C/ W
(Note 3) R
θJA
CHARACTERISTICS
Maximum Reverse Recovery Time (Note 4)
VF
SYMBOL
IR
trr
1.3
50
100
uAmps
uAmps
nSec
Maximum Full Load Reverse Current,Full cycle Average at TA=55
oC
Maximum Forward Voltage at 1.0A DC
Volts
UNITS
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA = 25
oC
@TA = 125
oC
FSM101
FSM103
FSM102
FSM104
FSM106
FSM105
FSM107
5.0
150
250
500
uAmps
MECHANICAL DATA
* Epoxy : Device has UL flammability classification 94V-0
.095 (2.4)
.106 (2.7)
.028 (.60)
.018 (.46)
.190 (4.8)
.205 (5.2)
SOLDERABLE
ENDS


Similar Part No. - FSM105

ManufacturerPart #DatasheetDescription
logo
Dc Components
FSM105 DCCOM-FSM105 Datasheet
488Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Formosa MS
FSM105 FORMOSA-FSM105 Datasheet
31Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
PACELEADER INDUSTRIAL
FSM105 PACELEADER-FSM105 Datasheet
414Kb / 2P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
FSM105 SHUNYE-FSM105 Datasheet
71Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Nantong Hornby Electron...
FSM105 HORNBY-FSM105 Datasheet
264Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - FSM105

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR101G RECTRON-FR101G Datasheet
257Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
SM4001 RECTRON-SM4001 Datasheet
21Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
FM4001L RECTRON-FM4001L Datasheet
351Kb / 4P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FM4001C RECTRON-FM4001C Datasheet
30Kb / 3P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FFM101 RECTRON-FFM101 Datasheet
33Kb / 3P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FFM101L RECTRON-FFM101L Datasheet
329Kb / 5P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
RL101FG RECTRON-RL101FG Datasheet
29Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FM4001 RECTRON-FM4001_09 Datasheet
460Kb / 9P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FFM101B RECTRON-FFM101B Datasheet
383Kb / 8P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FRS1AW RECTRON-FRS1AW Datasheet
117Kb / 8P
GLASS PASSIVATED SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com