Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM1812-R15K-RC Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PM1812-R15K-RC
Description  SMT Chip Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM1812-R15K-RC Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PM1812-R15K-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM1812-R15K-RC Datasheet HTML 2Page - Bourns Electronic Solutions PM1812-R15K-RC Datasheet HTML 3Page - Bourns Electronic Solutions PM1812-R15K-RC Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PM1210 & PM1812 Series SMT Chip Inductors
Packaging Specifications
P1
P2
P3
A
D1
DIA.
B
ØDo
W
F
E
t2
t1
Tape running direction
Chip
Component
PM1210 Series
PM1812 Series
P1
P2
P3
A
B
ØDo
W
F
E
t2
t1
Chip
Component
Tape running direction
DIMENSIONS:
MM
(INCHES)
Model
A
B
W
F
E
P1
P2
P3
øD0
øD1
t1
t2
PM1210
2.80
(.110)
3.60
(.142)
8.00
(.315)
3.50
(.138)
1.75
(.069)
4.00
(.157)
2.00
(.079)
4.00
(.157)
1.50
(.059)
—
0.25
(.010)
2.40
(.094)
PM1812
3.60
(.142)
4.90
(.193)
12.00
(.472)
5.50
(.217)
1.75
(.069)
8.00
(.315)
2.00
(.079)
4.00
(.157)
1.50
(.059)
—
0.30
(.012)
3.50
(.138)
Reel Dimensions
Model
A
B
C
D
E
W
PM1210
178
(7.008)
60 min.
13
(.512)
21
(.827)
2
(.079)
9
(.354)
PM1812
178
(7.008)
60 min.
13
(.512)
21
(.827)
2
(.079)
13
(.512)
B
A
W
D
C
E
Model
Quantity
Weight
PM1210
2000 pcs.
190 g
PM1812
500 pcs.
100 g
Packaging
Soldering Profiles
PM1210 Series
PM1812 Series
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (Seconds)
120 -150 seconds
60 seconds
maximum
260 °C peak
190°C
150 °C
220 °C
Ramp Down
5 °C/second
<1> 255 °C
<1> Maximum of 10 seconds
between +255 °C and +260 °C
Ramp Up
4 °C/second maximum
10 seconds minimum
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (Seconds)
120 -150 seconds
60 seconds
maximum
150 °C
183 °C
170 °C
Ramp Down
5 °C/second
<1> 245 °C
<1> 5 seconds maximum
at +245 °C
Ramp Up
4 °C/second maximum
10 seconds minimum



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com