Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RS601 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RS601
Description  SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RS601 Datasheet(HTML) 2 Page - Rectron Semiconductor

  RS601 Datasheet HTML 1Page - Rectron Semiconductor RS601 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( RS601 THRU RS607 )
FIG. 3- TYPICAL INSTANTANEOUS FORWARD
INSTANTANEOUS FORWARD VOLTAGE, (V)
CHARACTERISTICS
100
10
1
.1
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
TJ = 25¢J
Pulse Width = 300us
1% Duty Cycle
PERCENT OF RATED PEAK REVERSE VOLTAGE,
FIG. 4 - TYPICAL REVERSE CHARACTERI
10
1.0
.1
.01
020
40
60
80
100
120
140
TJ = 100¢J
TJ = 25¢J
FIG. 2 - TYPICAL FORWARD CURRENT DERATI
CASE TEMPERATURE, (¢J )
5
6
7
8
4
3
2
1
0
0
50
100
150
Single Phase Half Wave
60Hz Indutive or
Resistive Load
FIG. 1 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
250
200
150
100
50
0
1
2
4
6
8 10
20
40 6080100
8.3ms Single Half Sine-Wave
(JEDEC Method)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com