Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2104 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2104
Description  MEDIUM POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2104 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2104 Datasheet HTML 1Page - RF Micro Devices RF2104 Datasheet HTML 2Page - RF Micro Devices RF2104 Datasheet HTML 3Page - RF Micro Devices RF2104 Datasheet HTML 4Page - RF Micro Devices RF2104 Datasheet HTML 5Page - RF Micro Devices RF2104 Datasheet HTML 6Page - RF Micro Devices RF2104 Datasheet HTML 7Page - RF Micro Devices RF2104 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2-14
RF2104
Rev B4 010507
2
Application Schematic - 915MHz
Application Schematic - 830MHz
V
CC
100 pF
7.5 pF
330 pF
10
µF
100 pF
100 pF
100 pF
6.8 nH
3.3 nH
7.5 pF
5.1 pF
100 pF
8.2 nH
RF OUT
RF IN
5.6 pF
BIAS
W=0.028"
L=0.400"
33 pF
PC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
100 pF
11 pF
330 pF
100 pF
100 pF
6.8 nH
3.3 nH
7.5 pF
5.6 pF
100 pF
10 nH
RF OUT
RF IN
5.6 pF
BIAS
33 pF
PC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V
CC
330 pF
10
µF
100 pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com