Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC120 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC120
Description  Low Voltage Synchronous Boost Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC120 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC120 Datasheet HTML 9Page - Semtech Corporation SC120 Datasheet HTML 10Page - Semtech Corporation SC120 Datasheet HTML 11Page - Semtech Corporation SC120 Datasheet HTML 12Page - Semtech Corporation SC120 Datasheet HTML 13Page - Semtech Corporation SC120 Datasheet HTML 14Page - Semtech Corporation SC120 Datasheet HTML 15Page - Semtech Corporation SC120 Datasheet HTML 16Page - Semtech Corporation SC120 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
SC120
13
Typical Characteristics — V
OUT = 5.0V, Mid VIN Range
0.1
0.2
0.5
1
2
5
10
20
50
100
200
0
10
20
30
40
50
60
70
80
90
100
I
OUT
(mA)
R
1
= 931kΩ, R
2
= 294kΩ, L = 4.7μH, C
FB
= 2.2pF, V
IN
= 2.4V
0.1
0.2
0.5
1
2
5
10
20
50
100
200
0
10
20
30
40
50
60
70
80
90
100
I
OUT
(mA)
R
1
= 931kΩ, R
2
= 294kΩ, L = 4.7μH, C
FB
= 2.2pF, T
A
= 25
ο
C
V
IN
= 2.4V
V
IN
= 1.6V
V
IN
= 3.2V
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C
0
50
100
150
200
250
300
350
4.9
4.95
5
5.05
5.1
I
OUT
(mA)
R
1
= 931kΩ, R
2
= 294kΩ, L = 4.7μH, C
FB
= 2.2pF, V
IN
= 2.4V
0
50
100
150
200
250
300
350
4.9
4.95
5
5.05
5.1
I
OUT
(mA)
R
1
= 931kΩ, R
2
= 294kΩ, L = 4.7μH, C
FB
= 2.2pF, T
A
= 25
ο
C
V
IN
= 2.4V
V
IN
= 3.2V
V
IN
= 1.6V
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C
T
A
= 85°C
1.2
1.6
2
2.4
2.8
3.2
4.9
4.95
5
5.05
5.1
V
IN
(V)
R
1
= 931kΩ, R
2
= 294kΩ, L = 4.7μH, C
FB
= 2.2pF, I
OUT
= 75mA
1.2
1.6
2
2.4
2.8
3.2
4.9
4.95
5
5.05
5.1
V
IN
(V)
R
1
= 931kΩ, R
2
= 294kΩ, L = 4.7μH, C
FB
= 2.2pF, I
OUT
= 5mA
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C
T
A
= –40°C
Efficiency vs. I
OUT (VOUT = 5.0V)
Efficiency vs. I
OUT (VOUT = 5.0V)
Load Regulation (V
OUT = 5.0V)
Load Regulation (V
OUT = 5.0V)
Line Regulation — PWM Mode (V
OUT = 5.0V)
Line Regulation — PSAVE Mode (V
OUT = 5.0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com