Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2138 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2138
Description  3V GSM POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2138 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2138 Datasheet HTML 1Page - RF Micro Devices RF2138 Datasheet HTML 2Page - RF Micro Devices RF2138 Datasheet HTML 3Page - RF Micro Devices RF2138 Datasheet HTML 4Page - RF Micro Devices RF2138 Datasheet HTML 5Page - RF Micro Devices RF2138 Datasheet HTML 6Page - RF Micro Devices RF2138 Datasheet HTML 7Page - RF Micro Devices RF2138 Datasheet HTML 8Page - RF Micro Devices RF2138 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ü
2-119
2
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
5
13
12
11
10
9
GND2
RF IN
GND1
RF OUT
RF OUT
RF OUT
678
16
14
15
RF2138
3V GSM POWER AMPLIFIER
• 3V GSM Cellular Handsets
• 3V Dual-Band/Triple-Band Handsets
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
•GPRS Compatible
The RF2138 is a high power, high efficiency power ampli-
fier module offering high performance in GSM or GPRS
applications. The device is manufactured on an advanced
GaAs HBT process, and has been designed for use as
the final RF amplifier in GSM hand held-digital cellular
equipment and other applications in the 800 MHz to
950MHz band. On-board power control provides over
70dB of control range with an analog voltage input, and
provides power down with a logic “low” for standby opera-
tion. The device is self-contained with 50
Ω input and the
output can be easily matched to obtain optimum power
and efficiency characteristics. The RF2138 can be used
together with the RF2140 for dual-band operation. The
device is packaged in an ultra-small ceramic package,
minimizing the required board space.
• Single 2.7V to 4.8V Supply Voltage
• +36dBm Output Power at 3.5V
• 32dBGainwithAnalogGainControl
• 58% Efficiency
• 800MHz to 950MHz Operation
• Supports GSM and E-GSM
RF2138
3V GSM Power Amplifier
RF2138 PCBA
Fully Assembled Evaluation Board
2
Rev A9 011031
ALL SOLDER PAD TOLERANCES P0.05mm
1
4.20
3.95
sq.
3.50
3.35
sq.
0.38
1.50
1.20
2.00
0.28
0.13
0.80
1.50
sq.
0.40
sq.
Package Style: MP16K01A


Similar Part No. - RF2138

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2131 RFMD-RF2131 Datasheet
84Kb / 10P
HIGH EFFICIENCY AMPS/ETACS AMPLIFIER
RF2131PCBA RFMD-RF2131PCBA Datasheet
84Kb / 10P
HIGH EFFICIENCY AMPS/ETACS AMPLIFIER
RF2132 RFMD-RF2132 Datasheet
110Kb / 6P
LINEAR POWER AMPLIFIER
RF2132 RFMD-RF2132 Datasheet
131Kb / 6P
LINEAR POWER AMPLIFIER
RF2132PCBA RFMD-RF2132PCBA Datasheet
110Kb / 6P
LINEAR POWER AMPLIFIER
More results

Similar Description - RF2138

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2173 RFMD-RF2173 Datasheet
138Kb / 10P
3V GSM POWER AMPLIFIER
logo
Ericsson
PBL40305 ERICSSON-PBL40305 Datasheet
97Kb / 7P
Multiband GSM Power Amplifier
logo
RF Micro Devices
RF2173 RFMD-RF2173_06 Datasheet
172Kb / 14P
3V GSM POWER AMPLIFIER
RF5110 RFMD-RF5110 Datasheet
169Kb / 12P
3V GSM POWER AMPLIFIER
RF5110G RFMD-RF5110G Datasheet
233Kb / 18P
3V GSM POWER AMPLIFIER
RF5110G RFMD-RF5110G_07 Datasheet
831Kb / 22P
3V GSM POWER AMPLIFIER
RF5110 RFMD-RF5110_1 Datasheet
278Kb / 14P
3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173_1 Datasheet
280Kb / 14P
3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173_13 Datasheet
163Kb / 13P
3V GSM POWER AMPLIFIER
logo
Qorvo, Inc
RF5110G QORVO-RF5110G Datasheet
2Mb / 16P
3V General Purpose/GSM Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com