Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2157 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2157
Description  PCS CDMA/TDMA 3V POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2157 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2157 Datasheet HTML 1Page - RF Micro Devices RF2157 Datasheet HTML 2Page - RF Micro Devices RF2157 Datasheet HTML 3Page - RF Micro Devices RF2157 Datasheet HTML 4Page - RF Micro Devices RF2157 Datasheet HTML 5Page - RF Micro Devices RF2157 Datasheet HTML 6Page - RF Micro Devices RF2157 Datasheet HTML 7Page - RF Micro Devices RF2157 Datasheet HTML 8Page - RF Micro Devices RF2157 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ü
2-187
2
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
4
VPD2
3
MODE
2
VPD1
13
14
15
16
1
10
VCC
11
VCC1
12
VCC1
5
6
7
8
9
RF2157
PCS CDMA/TDMA 3V POWER AMPLIFIER
• 3V 1850-1910MHz CDMA PCS Handsets
• 3V 1750-1780MHz CDMA PCS Handsets
• 3V TDMA PCS Handsets
• Spread-Spectrum Systems
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
The RF2157 is a high-power, high-efficiency linear ampli-
fier IC targeting 3V handheld systems. The device is
manufactured on an advanced Gallium Arsenide Hetero-
junction Bipolar Transistor (HBT) process, and has been
designed for use as the final RF amplifier in dual-mode
3 V CDMA and TDMA handheld digital equipment,
spread-spectrum systems, and other applications in the
1710 MHz to 1910 MHz band. The device is packaged in a
compact 4mmx4 mm LCC, as well as a 4 mmx4mm MLF
(micro leaded package). The frequency response can be
optimized for linear performance over 1710MHz to
1910 MHz. The device features a digital mode switch
which can be used to minimize operating current under
low output power conditions.
• Single 3V Supply
• 29dBm Linear Output Power
• 24dB Linear Gain
• 35% Linear Efficiency
• On-board Power Down Mode
• 1750MHz to 1910MHz Operation
RF2157
PCS CDMA Power Amplifier
RF2157 PCBA
Fully Assembled Evaluation Board
2
Rev A19 010611
3.75
3.75
+
1.50 SQ
4.00
4.00
1
0.45
0.28
3.20
1.60
0.75
0.50
12°
INDEX AREA 3
1.00
0.90
0.75
0.65
0.05
0.00
NOTES:
5
Package Warpage: 0.05 max.
4
Pins 1 and 9 are fused.
Shaded Pin is Lead 1.
1
Dimension applies to plated terminal and is measured between
0.10 mm and 0.25 mm from terminal tip.
2
The terminal #1 identifier and terminal numbering convention
shall conform to JESD 95-1 SPP-012. Details of terminal #1
identifier are optional, but must be located within the zone
indicated. The identifier may be either a mold or marked
feature.
3
0.80
TYP
2
1
Dimensions in mm.
Package Style: LCC, 16-Pin, 4x4


Similar Part No. - RF2157

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2152 RFMD-RF2152 Datasheet
251Kb / 12P
DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
RF2152PCBA-J RFMD-RF2152PCBA-J Datasheet
251Kb / 12P
DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
RF2152PCBA-N RFMD-RF2152PCBA-N Datasheet
251Kb / 12P
DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
RF2153 RFMD-RF2153 Datasheet
287Kb / 12P
CDMA/TDMA/PACS 1900MHZ 3V POWER AMPLIFIER
RF2153PCBA RFMD-RF2153PCBA Datasheet
287Kb / 12P
CDMA/TDMA/PACS 1900MHZ 3V POWER AMPLIFIER
More results

Similar Description - RF2157

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2153 RFMD-RF2153 Datasheet
287Kb / 12P
CDMA/TDMA/PACS 1900MHZ 3V POWER AMPLIFIER
RF2324 RFMD-RF2324 Datasheet
102Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362 Datasheet
83Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367 Datasheet
93Kb / 8P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324_06 Datasheet
110Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_06 Datasheet
107Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367_06 Datasheet
118Kb / 8P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367_1 Datasheet
252Kb / 10P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_1 Datasheet
201Kb / 10P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324_1 Datasheet
96Kb / 4P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com