Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2173 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2173
Description  3V GSM POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2173 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2173 Datasheet HTML 1Page - RF Micro Devices RF2173 Datasheet HTML 2Page - RF Micro Devices RF2173 Datasheet HTML 3Page - RF Micro Devices RF2173 Datasheet HTML 4Page - RF Micro Devices RF2173 Datasheet HTML 5Page - RF Micro Devices RF2173 Datasheet HTML 6Page - RF Micro Devices RF2173 Datasheet HTML 7Page - RF Micro Devices RF2173 Datasheet HTML 8Page - RF Micro Devices RF2173 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2-222
RF2173
Rev A4 010914
2
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +6.0
VDC
Power Control Voltage (VAPC1,2)
-0.5 to +3.0
V
DC Supply Current
2400
mA
Input RF Power
+13
dBm
Duty Cycle at Max Power
50
%
Output Load VSWR
10:1
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-55 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Temp= 25°C, VCC=3.5V, VAPC1,2=2.6V,
PIN=+6dBm, Freq=880MHz to 915MHz,
25% Duty Cycle, pulse width=1154
µs
Operating Frequency Range
880 to 915
MHz
See evaluation board schematic.
Usable Frequency Range
800 to 950
MHz
Maximum Output Power
+35.0
+36
dBm
Temp= 25°C, VCC=3.5V, VAPC1,2=2.6V
+34.0
+35.2
dBm
Temp= +25°C, VCC=3.2V, VAPC1,2=2.6V
+34.0
dBm
Temp= +85°C, VCC=3.2V, VAPC1,2=2.6V
+33.0
+34.0
dBm
Temp= 25°C, VCC=2.7V, VAPC1,2=2.6V
+32.5
dBm
Temp= +85°C, VCC=2.7V, VAPC1,2=2.6V
Total Efficiency
50
56
%
At POUT,MAX,VCC=3.2V
56
%
At POUT,MAX,VCC=3.0V
12
%
POUT=+20dBm
5%
POUT=+10dBm
Input Power for Max Output
+4
+6
+8
dBm
Output Noise Power
-72
dBm
RBW= 100kHz, 925MHz to 935MHz,
POUT,MIN<POUT<POUT,MAX,
PIN,MIN<PIN<PIN,MAX,VCC=3.0V to 5.0V
-81
dBm
RBW= 100kHz, 935MHz to 960MHz,
POUT,MIN<POUT<POUT,MAX,
PIN,MIN<PIN<PIN,MAX,VCC=3.0V to 5.0V
Forward Isolation
-45
-40
dBm
VAPC1,2=0.2V, PIN=+6dBm
-30
dBm
VAPC1,2=0.2V, PIN=+8dBm
Second Harmonic
-50
-38
dBc
Third Harmonic
-65
-43
dBc
All Other Non-Harmonic
Spurious
-36
dBm
Input Impedance
50
Optimum Source Impedance
40+ j10
For best noise performance
Input VSWR
2.5:1
POUT,MAX-5dB<POUT<POUT,MAX
4:1
POUT<POUT,MAX-5dB
Output Load VSWR
10:1
Spurious<-36dBm, VAPC1,2=0.2V to 2.6V,
RBW= 100kHz
Output Load Impedance
1.5- j1.7
Load Impedance presented at RF OUT pad
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com