Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2189 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2189
Description  3V, 2.5GHZ LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2189 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2189 Datasheet HTML 1Page - RF Micro Devices RF2189 Datasheet HTML 2Page - RF Micro Devices RF2189 Datasheet HTML 3Page - RF Micro Devices RF2189 Datasheet HTML 4Page - RF Micro Devices RF2189 Datasheet HTML 5Page - RF Micro Devices RF2189 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary
2-250
RF2189
Rev A4 010424
2
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +6.0
VDC
Power Control Voltage (VPC)-0.5 to 3.3
V
DC Supply Current
350
mA
Input RF Power
+12
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture sensitivity
JEDEC Level 3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, VCC=3.3V, VPC=3.0V, PIN=0dBm,
Freq= 2450MHz
Frequency Range
1800 to 2500
MHz
Maximum Saturated Output
Power
+23
+24
+26
dBm
PIN=+6dBm
Efficiency at Max Output Power
42
%
Small Signal Gain
19
20
dB
Reverse Isolation
30
dB
In “ON” state
30
dB
In “OFF” state
Second Harmonic
-50
dBc
Including second harmonic trap, see applica-
tion circuit
IM3
-30
-23
dBm
POUT=+17dBm in each tone
IM5
-35
-30
dBm
POUT=+17dBm in each tone
IM7
-48
-35
dBm
POUT=+17dBm in each tone
Isolation
-20
-30
dBm
In “OFF” state, PIN=0dBm
Input Impedance
50
Ω
Input VSWR
2:1
Noise Figure
7
dB
Power Down
Power Control “ON”
2.7
3.0
V
Voltage supplied to control input; device is
“ON”
Power Control “OFF”
0
0.5
V
Voltage supplied to control input; device is
“OFF”
PC Input Impedance
5
k
Ω
Power Supply
Operating Voltage
3.0 to 5.0
V
Current Consumption
180
260
320
mA
Power Down “ON”, at max output power
95
150
175
mA
Power Down “ON”, two-tone test +20dBm
average output power
50
100
150
mA
Idle current
Current Consumption
<1
10
µA
Power Down “OFF”
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).
Refer to “Handling of PSOP and PSSOP Products”
on page 16-15 for special handling information.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com