Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC451 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC451
Description  Portable IMVP-IV??and IMVP-IV??Single Phase Power Supply Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC451 Datasheet(HTML) 1 Page - Semtech Corporation

  SC451 Datasheet HTML 1Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
www.semtech.com
SC451
Portable IMVP-IV™ and IMVP-IV+™
Single Phase Power Supply Controller
POWER MANAGEMENT
June 6, 2005
Description
Features
Applications
Conceptual Application Circuit
! IMVP-IV™ and IMVP-IV+™ compliant single chip
solution
! On-chip CLK_ENABLE# and IMVP4_PWRGD outputs
! Backward compatible with SC1479
! High-speed hysteretic controller
! Single-phase operation
! Selectable analog or VID controlled DeeperSleep
setting
! 6 bit VID programmable output
! Integrated drivers with soft high side turn-on
! Programmable softstart
! Programmable boot voltage
! Programmable DeeperSleep voltage
! Under-voltage lock out on VccA
! Over-voltage protection on CORE
! Current limit protection on CORE
! Thermal protection
! Powergood flag with blanking during VID or
DeeperSleep mode changes
! Automatic powersave at light load
! TSSOP-28 and TSSOP-38 package options
The SC451 PowerStep IV™ IC is a single chip high-perfor-
mance Hysteretic PWM controller. With its integrated
SmartDriver™, it powers advanced IMVP-IV™ and IMVP4+™
processors. The SC451 features extended Intel Mobile Volt-
age Positioning (IMVP™) to increase battery life by reduc-
ing the voltage at the processor when it is heavily loaded.
It directly supports Intel’s SpeedStep® processors for even
longer battery life. The SC451 fully supports the Intel®
Geyserville-III core voltage specification. It provides direct
“deeper sleep” mode and boot voltage support. Automatic
“power-save” is present to prevent negative current flow in
the low-side FET during light loading conditions, saving even
more power. The high side driver initially turns on with a
weak drive to reduce ringing, EMI, and capacitive turn-on
of the low side.
A 6-bit DAC, accurate to 0.85%, sets the output voltage
reference, and implements the 0.700V to 1.708V range
required by the processor. The hysteretic converter uses a
comparator without an error amplifier, and therefore pro-
vides the fastest possible transient response, while avoid-
ing the stability issues inherent to classical PWM control-
lers. The DAC is externally slew rate limited to minimize
transient currents and audible noise.
The SC451 operates from 5VDC and also features soft-
start, an open-drain PWRGD signal with power-good blank-
ing, and an enable input. Programmable current limiting
shuts down the SC451 after 32 current limit pulses. It
comes in both a TSSOP-28 and TSSOP-38 package. The
TSSOP-38 provides a pin-to-pin upgrade to a dual-phase
solution using Semtech’s dual-phase controller, SC450.
! Low power Notebook and Laptop computers
! Embedded Applications
PowerStep IV™ is a trademark of Semtech
Corporation.
Other trademarks or registered trademarks may be
claimed as the property of others.
S C 45 1 S ingle P h a s e
IM V P -IV /IM V P -IV +
Pow e r Sup p ly
Sm a rt
Driv e r
PW M
Co n tro lle r
V ID Logic
an d D A C
VID (5 :0 )
VIN
V
5
V
CC A
VC O R E
0.700V -1 .708V


Similar Part No. - SC451

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
High Performance Synchronous Buck Controller With Reference Tracking
SC4510ITSTR SEMTECH-SC4510ITSTR Datasheet
733Kb / 16P
High Performance Synchronous Buck Controller With Reference Tracking
SC4510ITSTRT SEMTECH-SC4510ITSTRT Datasheet
733Kb / 16P
High Performance Synchronous Buck Controller With Reference Tracking
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
1.25MHz, 1.5A Step-Down Switching Regulator
SC4517AEVB SEMTECH-SC4517AEVB Datasheet
269Kb / 15P
1.25MHz, 1.5A Step-Down Switching Regulator
More results

Similar Description - SC451

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1476 SEMTECH-SC1476 Datasheet
88Kb / 1P
Portable IMVP-IV Dual Phase Power Supply Controller
SC450 SEMTECH-SC450 Datasheet
89Kb / 1P
Portable IMVP-IV??and IMVP4??Dual Phase Power Supply Controller
logo
Intersil Corporation
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6217 INTERSIL-ISL6217 Datasheet
307Kb / 19P
Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
December 2006
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
June 30, 2005
ISL6218CVZ-T INTERSIL-ISL6218CVZ-T Datasheet
410Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
logo
Semtech Corporation
SC450ITSTRT SEMTECH-SC450ITSTRT Datasheet
82Kb / 1P
Portable IMVP-IV and IMVP4 Dual Phase Power Supply Controller
logo
Intersil Corporation
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
ISL6218CV INTERSIL-ISL6218CV Datasheet
407Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
logo
Renesas Technology Corp
ISL6218 RENESAS-ISL6218 Datasheet
810Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com