Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC458 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC458
Description  Complete Dual-Phase Low VOUT Power Supply Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC458 Datasheet(HTML) 1 Page - Semtech Corporation

  SC458 Datasheet HTML 1Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
POWER MANAGEMENT
SC458
Complete Dual-Phase Low VOUT
Power Supply Controller
October 31, 2006
United States Patents: 6,504,422, 6,794,926
www.semtech.com
Applications
Features
The SC458 is a single chip high-performance PWM
controller designed to power advanced processors. On-
chip support is provided for Active Voltage Positioning, “VID
on-the-fly” transitions, single and dual phase control.
The SC458 implements hysteretic control technology
which provides the fastest possible transient response
while avoiding the stability issues inherent to classical
PWM controllers. Semtech’s proprietary Combi-Sense®
technology provides a loss-less current sensing scheme
which is extremely robust and easy to lay out. Eliminating
the sense resistors reduces costs and PCB area, plus
increases system efficiency. Integrated SmartDriver™
technology initially turns on the high side driver with ‘soft’
drive to reduce ringing, EMI, and capacitive turn-on of the
low side MOSFET, while also increasing overall efficiency.
Hysteretic operation adaptively reduces the SC458
switching frequency at light loads. Combined with an
automatic “power-save” mode which prevents negative
current flow in the low-side FET, system efficiency is
significantly enhanced during light loading conditions.
The SC458 changes from dual-phase to single-phase
operation whenever DUAL transitions low, providing
optimal efficiency across the entire power range.
A
second low power control pin, DRIFT, allows the output
voltage to be discharged by the load during a negative
voltage transition.
A 7-bit DAC, accurate to 0.85%, sets the output voltage
reference, and implements a 0.300V to 1.500V range.
The DAC slew rate is externally programmed to minimize
transient currents and audible noise. True differential
remote sensing provides accurate point-of-load regulation
at the processor die. Other features include programmable
soft-start, dual (delayed, and not delayed) power good
outputs, dynamic current sharing, over voltage and
programmable over current protection. The SC458 is
available in a space- saving 44 pin MLP package.
Dual-Phase Solution with Integrated Drivers
Hysteretic Control for Fast Transient Response
Combi-Sense Loss-Less Current Sensing
Dynamic Current Sharing
Active Voltage Positioning
True Differential Remote Sensing
Dual Power Good Outputs
Programmable Soft-Start and DAC Slew Control
Programmable OCP Threshold
Supports all Ceramic Decoupling Solutions
44 pin MLP (7x7 mm)
Product is WEEE and RoHS Compliant
Graphics and other Processor Cores
Notebook PCs
Embedded Applications
Description


Similar Part No. - SC458

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC458 SEMTECH-SC458 Datasheet
293Kb / 1P
Complete Dual-Phase Low VOUT Power Supply Controller
SC458IMLTRT SEMTECH-SC458IMLTRT Datasheet
293Kb / 1P
Complete Dual-Phase Low VOUT Power Supply Controller
More results

Similar Description - SC458

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1474 SEMTECH-SC1474 Datasheet
121Kb / 1P
Portable Pentium Dual Phase Power Supply Controller
SC1486A SEMTECH-SC1486A_06 Datasheet
614Kb / 30P
Complete DDR1/2/3 Power Supply Controller
logo
STMicroelectronics
PM6670 STMICROELECTRONICS-PM6670 Datasheet
682Kb / 53P
Complete DDR2/3 memory power supply controller
01-Mar-2007
PM6670S STMICROELECTRONICS-PM6670S Datasheet
717Kb / 53P
Complete DDR2/3 memory power supply controller
06-Feb-2008
logo
Richtek Technology Corp...
RT8207GQW RICHTEK-RT8207GQW Datasheet
363Kb / 22P
Complete DDRII/DDRIII Memory Power Supply Controller
logo
Samtec, Inc
SC1474TSTRT SAMTEC-SC1474TSTRT Datasheet
128Kb / 1P
Portable Pentium짰 Dual Phase Power Supply Controller
logo
Semtech Corporation
SC458IMLTRT SEMTECH-SC458IMLTRT Datasheet
293Kb / 1P
Complete Dual-Phase Low VOUT Power Supply Controller
logo
Richtek Technology Corp...
RT8207L RICHTEK-RT8207L Datasheet
342Kb / 27P
Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV Memory Power Supply Controller
RT8231A RICHTEK-RT8231A Datasheet
306Kb / 23P
Complete DDR Memory Power Supply Controller
April 2021
RT8248A RICHTEK-RT8248A Datasheet
292Kb / 21P
Complete DDR Memory Power Supply Controller
April 2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com