Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2347 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2347
Description  3V LOW NOISE AMPLIFIER/3V PA DRIVER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2347 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2347 Datasheet HTML 1Page - RF Micro Devices RF2347 Datasheet HTML 2Page - RF Micro Devices RF2347 Datasheet HTML 3Page - RF Micro Devices RF2347 Datasheet HTML 4Page - RF Micro Devices RF2347 Datasheet HTML 5Page - RF Micro Devices RF2347 Datasheet HTML 6Page - RF Micro Devices RF2347 Datasheet HTML 7Page - RF Micro Devices RF2347 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4-164
RF2347
Rev A5 991207
4
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +8.0
VDC
Input RF Level
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
RF Frequency Range
150 to 2500
MHz
Low Noise Amplifier
880MHz Performance
Schematic per LNA Application; T = 25°C,
RF=880MHz
Gain
19.5
21.0
dB
VCC=3.0V, ICC=11mA
19.5
21.0
dB
VCC=2.7V, ICC=11mA
Noise Figure
1.4
1.6
dB
VCC=3.0V, ICC=11mA
1.4
1.6
dB
VCC=2.7V, ICC=11mA
Input IP3
+6.0
dBm
VCC=3.0V, ICC=11mA
+5.0
dBm
VCC=2.7V, ICC=11mA
Max Input IP3
+7.5
dBm
VCC=3.0V, ICC=20mA
+6.0
dBm
VCC=2.7V, ICC=20mA
Driver Amplifier
836MHz Performance
Schematic per Driver Amplifier Application
T = 25°C, RF=836MHz, VPD=2.8V
Gain
19.5
20.5
21.5
dB
VCC=3.5V
19.5
20.5
21.5
dB
VCC=3.0V
19.5
20.5
21.5
dB
VCC=2.5V
Output IP3
25
+28.5
35
dBm
VCC=3.5V
+28.5
dBm
VCC=3.0V
+27
dBm
VCC=2.5V
Noise Figure
1.4
2.0
dB
VCC=3.5V
1.4
2.0
dB
VCC=3.0V
1.3
2.0
dB
VCC=2.5V
Reverse Isolation
26
dB
VCC=3.5V
26
dB
VCC=3.0V
25
dB
VCC=2.5V
Input VSWR
1.5:1
2.0:1
Output VSWR
1.25:1
2.0:1
Using External LC network used on Evalua-
tion Board
P1dB
13
15.5
dBm
VCC=3.5V
12
14.5
dBm
VCC=3.0V
10.5
13
dBm
VCC=2.5V
Power Supply
T = 25 °C
Voltage (VCC)
2.5 to 6.0
V
Voltage (VPD)2.7
2.8
2.9
V
Current Consumption
12.5
22
26.5
mA
VCC=3.5V; VPD=2.8 V; VPD+ VCC - Current
Consumption from VPD is 2.0 mA Typ. @
VPD = 2.8V and 3.0 mA Max @ VPD =2.9 V
18
20
22
mA
VCC=3.5V; VPD =2.7V; VPD+ VCC
19
24
29
mA
VCC=3.5V; VPD =2.9V; VPD+ VCC
Power Down
10
µΑ
VCC=3.5V; VPD ≤ 0.9 V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com