Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP2902 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2902
Description  ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2902 Datasheet(HTML) 1 Page - Texas Instruments

  LP2902 Datasheet HTML 1Page - Texas Instruments LP2902 Datasheet HTML 2Page - Texas Instruments LP2902 Datasheet HTML 3Page - Texas Instruments LP2902 Datasheet HTML 4Page - Texas Instruments LP2902 Datasheet HTML 5Page - Texas Instruments LP2902 Datasheet HTML 6Page - Texas Instruments LP2902 Datasheet HTML 7Page - Texas Instruments LP2902 Datasheet HTML 8Page - Texas Instruments LP2902 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN−
1IN+
VCC
2IN+
2IN−
2OUT
4OUT
4IN−
4IN+
GND
3IN+
3IN−
3OUT
D, N, OR PW PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
IN−
IN+
OUT
LP324, LP2902
ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS460A – MARCH 2005 – REVISED MAY 2005
Low Supply Current . . . 85
µA Typ
Low Offset Voltage . . . 2 mV Typ
Low Input Bias Current . . . 2 nA Typ
Input Common Mode to GND
Wide Supply Voltage . . . 3 V < VCC < 32 V
Pin Compatible With LM324
Applications
– LCD Displays
– Portable Instrumentation
– Sensor/Metering Equipment
– Consumer Electronics (MP3 Players, Toys,
Etc.)
– Power Supplies
The LP324 and LP2902 are quadruple low-power operational amplifiers especially suited for battery-operated
applications. Good input specifications and wide supply-voltage range still are achieved, despite the ultra-low
supply current. Single-supply operation is achieved with an input common-mode range that includes GND.
The LP324 and LP2902 are ideal in applications where wide supply voltage and low power are more important
than speed and bandwidth. These applications include portable instrumentation, LCD displays, consumer
electronics (MP3 players, toys, etc.), and power supplies.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP – N
Tube of 25
LP324N
LP324N
Tube of 50
LP324D
SOIC – D
LP324
0
°C to 70°C
Reel of 2500
LP324DR
Tube of 90
LP324PW
TSSOP – PW
LP324
Reel of 2000
LP324PWR
PDIP – N
Tube of 25
LP2902N
LP2902N
Tube of 50
LP2902D
SOIC – D
LP2902
–40
°C to 85°C
Reel of 2500
LP2902DR
Tube of 50
LP2902PW
TSSOP – PW
LP2902
Reel of 2500
LP2902PWR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
SYMBOL (EACH AMPLIFIER)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2902

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2902 NSC-LP2902 Datasheet
323Kb / 10P
Micropower Quad Operational Amplifier
LP2902 NSC-LP2902 Datasheet
230Kb / 10P
Micropower Quad Operational Amplifier
logo
Texas Instruments
LP2902 TI-LP2902 Datasheet
240Kb / 9P
ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
LP2902 TI-LP2902 Datasheet
308Kb / 10P
ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
LP2902 TI1-LP2902 Datasheet
407Kb / 13P
Micropower Quad Operational Amplifier
More results

Similar Description - LP2902

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC3303 TI-MC3303 Datasheet
105Kb / 12P
QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
LP324 TI-LP324 Datasheet
240Kb / 9P
ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
MC3303 TI-MC3303_06 Datasheet
359Kb / 13P
QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
Quadruple Operational Amplifiers
logo
Texas Instruments
LP324 TI-LP324_10 Datasheet
308Kb / 10P
ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1540 GMT-G1540 Datasheet
857Kb / 1P
Low Power Quadruple Operational Amplifiers
G1544 GMT-G1544 Datasheet
661Kb / 1P
Low Power Quadruple Operational Amplifiers
G1559 GMT-G1559 Datasheet
478Kb / 1P
Low Power Quadruple Operational Amplifiers
logo
National Semiconductor ...
LP324 NSC-LP324_14 Datasheet
789Kb / 13P
ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
MC3303 TI1-MC3303_16 Datasheet
982Kb / 17P
QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com