Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2364 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2364
Description  3V PCS LOW NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2364 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2364 Datasheet HTML 1Page - RF Micro Devices RF2364 Datasheet HTML 2Page - RF Micro Devices RF2364 Datasheet HTML 3Page - RF Micro Devices RF2364 Datasheet HTML 4Page - RF Micro Devices RF2364 Datasheet HTML 5Page - RF Micro Devices RF2364 Datasheet HTML 6Page - RF Micro Devices RF2364 Datasheet HTML 7Page - RF Micro Devices RF2364 Datasheet HTML 8Page - RF Micro Devices RF2364 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Preliminary
4-212
RF2364
Rev A4 010501
4
Application Notes
Power Down Pin Resistor
The Power Down pin (pin 3) of the RF2364 3 V Low Noise Amplifier should be maintained at 2.7V to 2.9 V for proper
operation. This voltage range ensures the correct bias current will be present at the Power Down pin of the device. How-
ever, an external series resistor may be used to allow various operating voltages at this pin (see R1 in Application Sche-
matics). The required value for this resistor may be roughly calculated by using the operating input voltage to the Power
Down pin, the desired voltage at the device, and the typical current consumption for the Power Down pin, along with
Ohms law.
For example, assume the design will supply 3.3V to the Power Down pin of the device, but the biasing circuitry internal to
the RF2364 requires 2.8 V, and the power down bias current is known to typically be 5.5 mA, then the required value from
R1 would be found from:
3.3V
2.8V
5.5mA
-----------------------------
90.9
=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com