Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2369 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2369
Description  3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2369 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2369 Datasheet HTML 1Page - RF Micro Devices RF2369 Datasheet HTML 2Page - RF Micro Devices RF2369 Datasheet HTML 3Page - RF Micro Devices RF2369 Datasheet HTML 4Page - RF Micro Devices RF2369 Datasheet HTML 5Page - RF Micro Devices RF2369 Datasheet HTML 6Page - RF Micro Devices RF2369 Datasheet HTML 7Page - RF Micro Devices RF2369 Datasheet HTML 8Page - RF Micro Devices RF2369 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Preliminary
4-186
RF2369
Rev A3 010720
4
Pin
Function
Description
Interface Schematic
1VREF/PD
For low noise amplifier applications, this pin is used to control the bias
current. An external resistor can be used to set the bias current for any
VPD voltage.
2
GND1
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
3RF IN
RF input pin.
4RF OUT
Amplifier output pin. This pin is an open-collector output. It must be
biased to VCC through a choke or matching inductor. This pin is typi-
cally matched to 50
Ω with a shunt bias/matching inductor and series
blocking/matching capacitor. Refer to application schematics.
5
GND2
LNA emittance inductance. Total inductance is comprised of
package+bondwire+ stripline (L1) on PCB.
6
SELECT
This pin selects high gain and bypass.
Select < 0.8V, high gain.
Select > 1.8V, low gain.
VREF/PD
RF IN
RF OUT
To Bias
Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com