Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2418PCBA Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2418PCBA
Description  LOW CURRENT LNA/MIXER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2418PCBA Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2418PCBA Datasheet HTML 2Page - RF Micro Devices RF2418PCBA Datasheet HTML 3Page - RF Micro Devices RF2418PCBA Datasheet HTML 4Page - RF Micro Devices RF2418PCBA Datasheet HTML 5Page - RF Micro Devices RF2418PCBA Datasheet HTML 6Page - RF Micro Devices RF2418PCBA Datasheet HTML 7Page - RF Micro Devices RF2418PCBA Datasheet HTML 8Page - RF Micro Devices RF2418PCBA Datasheet HTML 9Page - RF Micro Devices RF2418PCBA Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
8-40
RF2418
Rev A6 010717
8
Evaluation Board Schematic
RF=850MHz, IF=71MHz
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LNA
MIXER
BUFFER
10pF
RF AMP
L3
10 nH
C3
47 pF
C1
0.1
µF
L1
1
µH
L2
18 nH
C2
1nF
R3
610
R1
300
E2
E1
L4
10 nH
R4
5.11 k
C4
0.1
µF
C5
3pF to 5 pF
see note
Notes:
For high impedance output
1) Populate L1 and TP1
2) Remove jumper E1 to E2
50
Ω µstrip
50
Ω µstrip
50
Ω µstrip
2418400C
Jumper
TP1
see note
VDD
50
Ω µstrip
P1
1
2
3
NC
GND
P1-3
VDD
J1
LNA IN
50
Ωµstrip
J2
IF OUT
P1-3
J3
LO IN
J4
RF IN
J5
LNA OUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com