Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2475 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2475
Description  DUAL-BAND LOW NOISE AMPLIFIER/MIXER WITH FREQUENCY DOUBLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2475 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2475 Datasheet HTML 1Page - RF Micro Devices RF2475 Datasheet HTML 2Page - RF Micro Devices RF2475 Datasheet HTML 3Page - RF Micro Devices RF2475 Datasheet HTML 4Page - RF Micro Devices RF2475 Datasheet HTML 5Page - RF Micro Devices RF2475 Datasheet HTML 6Page - RF Micro Devices RF2475 Datasheet HTML 7Page - RF Micro Devices RF2475 Datasheet HTML 8Page - RF Micro Devices RF2475 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ü
8-89
8
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe
1
LNA VCC19
2
GND
5
LNA IN8
6
4
3
LNA IN19
7
GAIN SEL
14
13
12
11
10
9
8
15
VCC TX19
16
VCC DOUBLER
GND
17
IF A
18
20
GND
19
IF B
21
LO IN8
22
23
24
25
26
27
28
GND
GND
X2
RF2475
DUAL-BAND LOW NOISE AMPLIFIER/MIXER
WITH FREQUENCY DOUBLER
• TDMA Handsets
The RF2475 includes two downconverting mixers and
associated LNAs. It is designed for IS136 handset appli-
cations in the cellular 800MHz and PCS 1900MHz
bands. Each LNA has a gain bypass mode, which is con-
trolled by the gain select pin. The device internally ties the
two mixer outputs together, providing interface to a single
IF SAW filter. A frequency doubler is provided to supply
the LO signal to the PCS mixer and feeds the PCS trans-
mit LO output buffer. A cellular LO output buffer is also
included. The device is fabricated using Gallium Arsenide
HBT technology and is packaged in a 28-pin, 5mmx5mm
leadless package.
• Complete Dual-Band Receiver Front-End
• Stepped LNA Gain Control
• Integrated LO Frequency Doubler
• Integrated LO Output Buffers
• Meets IS136 Specifications
RF2475
Dual-Band Low Noise Amplifier/Mixer with Fre-
quency Doubler
RF2475 PCBA
Fully Assembled Evaluation Board
8
Rev A2 010918
12°
MAX
1.00
0.85
0.65
0.30
4PLCS
0.50
0.23
0.13
4PLCS
5.00
sq.
2.50
Typ.
0.30
0.18
2
0.60
0.24
Typ
0.75
0.50
0.05
0.01
0.80
0.65
NOTES:
Shaded Pin is Lead 1.
1
Dimension applies to plated terminal: to be measured between 0.02 mm
and 0.25 mm from terminal end.
2
Pin 1 identifier must exist on top surface of package by identification
mark or feature on the package body. Exact shape and size is optional.
3
Package Warpage: 0.05 mm max.
4
Die Thickness Allowable: 0.305 mm max.
5
2.85
2.55
sq.
Package Style: LCC, 28-Pin, 5x5


Similar Part No. - RF2475

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2472 RFMD-RF2472 Datasheet
183Kb / 8P
2.4GHZ LOW NOISE AMPLIFIER WITH ENABLE
RF2472 RFMD-RF2472 Datasheet
225Kb / 10P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
RF2472 RFMD-RF2472 Datasheet
329Kb / 12P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
RF2472G RFMD-RF2472G Datasheet
225Kb / 10P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
RF2472G RFMD-RF2472G Datasheet
329Kb / 12P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
More results

Similar Description - RF2475

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2363 RFMD-RF2363 Datasheet
167Kb / 10P
DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2416 RFMD-RF2416 Datasheet
417Kb / 10P
DUAL-BAND 2.7V LOW NOISE AMPLIFIER
RF2489 RFMD-RF2489 Datasheet
490Kb / 16P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
RF2492 RFMD-RF2492 Datasheet
483Kb / 22P
DUAL-BAND LOW NOISE AMPLIFIER/MIXER
RF3404 RFMD-RF3404 Datasheet
202Kb / 12P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER MODULE
logo
Sony Corporation
CXG1082EN SONY-CXG1082EN Datasheet
133Kb / 9P
Receive Dual Low Noise Amplifier/Mixer
CXG1130AER SONY-CXG1130AER Datasheet
125Kb / 8P
Triple Low Noise Amplifier/Dual Mixer
logo
RF Micro Devices
RF2890 RFMD-RF2890 Datasheet
183Kb / 14P
DUAL-BAND CDMA CELLULAR/GPS LOW NOISE AMPLIFIER/MIXER
logo
Sony Corporation
CXG1109EN SONY-CXG1109EN Datasheet
127Kb / 9P
Receive Dual Low Noise Amplifier/Mixer
logo
RF Micro Devices
RF2489 RFMD-RF2489_07 Datasheet
797Kb / 30P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com