Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2486 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2486
Description  PCS LOW NOISE AMPLIFIER/MIXER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2486 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2486 Datasheet HTML 1Page - RF Micro Devices RF2486 Datasheet HTML 2Page - RF Micro Devices RF2486 Datasheet HTML 3Page - RF Micro Devices RF2486 Datasheet HTML 4Page - RF Micro Devices RF2486 Datasheet HTML 5Page - RF Micro Devices RF2486 Datasheet HTML 6Page - RF Micro Devices RF2486 Datasheet HTML 7Page - RF Micro Devices RF2486 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
8-106
RF2486
Rev A7 010717
8
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to 5.5
VDC
Input LO and RF Levels
+6
dBm
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T= 25°C, VCC=3.6V, RF=1959MHz,
LO= 1749MHz @ +1 dBm
RF Frequency Range
1500
2500
MHz
LO Frequency Range
1200
2500
MHz
IF Frequency Range
DC
500
MHz
Cascaded Performance
1k
Ω balanced load, 2.5dB Image Filter Loss.
Cascade Conversion Gain
24
27
28
dB
Cascade Input IP3
-17
-16
dBm
Cascade Noise Figure
3.6
dB
Single Sideband
First Section (LNA)
The LNA section may be left unused. Power
is not connected to pin 1. The performance
is then as specified for the Second Section
(Mixer).
Noise Figure
1.8
dB
Input VSWR
1.5:1
2.0:1
Input is internally matched for optimum noise
figure from a 50
Ω source.
Input IP3
+4
dBm
IP3 may be increased 10dB by connecting
pin 22toVCC through the matching inductor.
The LNA’s current then increases by 10mA.
Other in-between IP3 versus ICC trade-offs
may be made. See pin description for pin 20.
R2=Open
+8.5
dBm
R2=Short
Gain
13.5
dB
Reverse Isolation
23
dB
Output VSWR
<1.5:1
Second Section (Mixer)
With 1k
Ω balanced load.
Noise Figure
10
dB
Single Sideband
Input VSWR
1.5:1
Input IP3
-5
dBm
Conversion Gain
16
dB
Output Impedance
1
k
Ω
Balanced
LO Input
LO Input Range
-3
+3
dBm
LO Output Level
-7
-3
+1
dBm
Buffer On, +1dBm input
-22
-14
dBm
Buffer Off, +1dBm input
LO to RF (Mix In) Rejection
30
dB
LO to IF1, IF2 Rejection
20
dB
LO Input VSWR
1.5:1
Single ended
Power Supply
Voltage
2.7
3.6
5.0
V
Current Consumption
7
mA
LNA only
52
mA
LNA + Mixer, LO Buffer On
48
mA
LNA + Mixer, LO Buffer Off
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com