Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2905 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2905
Description  433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2905 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2905 Datasheet HTML 1Page - RF Micro Devices RF2905 Datasheet HTML 2Page - RF Micro Devices RF2905 Datasheet HTML 3Page - RF Micro Devices RF2905 Datasheet HTML 4Page - RF Micro Devices RF2905 Datasheet HTML 5Page - RF Micro Devices RF2905 Datasheet HTML 6Page - RF Micro Devices RF2905 Datasheet HTML 7Page - RF Micro Devices RF2905 Datasheet HTML 8Page - RF Micro Devices RF2905 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
11-56
RF2905
Rev B11 010516
11
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Down Control
Logical Controls “ON”
2.0
V
Voltage supplied to the input
Logical Controls “OFF”
1.0
V
Voltage supplied to the input
Control Input Impedance
25k
Ω
Turn On Time
4
ms
Reference Crystal= 7.075MHz
Turn Off Time
4
ms
Dependent upon reference crystal. Higher
RX to TX and TX to RX Time
4
ms
frequencies reduce turn on/off times
Power Supply
Voltage
3.6
V
Specifications
2.7 to 5.0
V
Operating limits
Current Consumption
22
25
34.5
mA
TX Mode, LVL ADJ= 3.6V
8
10
13.5
mA
TX Mode, LVL ADJ= 0V
7
9
12
mA
RX Mode
1
µA
Power Down Mode which sets:
PLL ENABL, TX ENABL, RX ENABL,
LVL ADJ, OSC SEL, and MUTE = 0V
5.3
8
10
mA
PLL Only Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com