Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2915 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2915
Description  433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2915 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2915 Datasheet HTML 1Page - RF Micro Devices RF2915 Datasheet HTML 2Page - RF Micro Devices RF2915 Datasheet HTML 3Page - RF Micro Devices RF2915 Datasheet HTML 4Page - RF Micro Devices RF2915 Datasheet HTML 5Page - RF Micro Devices RF2915 Datasheet HTML 6Page - RF Micro Devices RF2915 Datasheet HTML 7Page - RF Micro Devices RF2915 Datasheet HTML 8Page - RF Micro Devices RF2915 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ü
11-111
11
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
16
17
23
2
10
8
Linear
RSSI
31
LNA
6
4
1
32
26
24
25
13
19
18
11
15
14
22
21
MOD IN
IF2 IN
CBP2-
CBP2+
IF2 OUT
DEMOD IN
TX OUT
MIX IN
LNA OUT
RX IN
TX ENABL
RESNTR-
29
PA
CONTROL
LOGIC
12
RF2915
433/868/915MHZ FSK/ASK/OOK
TRANSCEIVER
• Wireless Meter Reading
• Keyless Entry Systems
• 433MHz/868MHz/915MHz ISM Band
• Wireless Data Transceiver
• Wireless Security Systems
• Battery-Powered Portable Devices
The RF2915 is a monolithic integrated circuit intended for
use as a low cost FM transceiver. The device is provided
in 32-lead plastic TQFP packaging and is designed to be
used with a PLL IC to provide a fully functional FM trans-
ceiver. The chip is intended for digital (ASK, FSK, OOK)
applications in the North American 915MHz ISM band
and European 433MHz/868 MHz ISM band. The inte-
grated VCO has a buffered output to feed the RF signal
back to the PLL IC to form the frequency synthesizer.
Internal decoding of the RX ENABL and TX ENABL lines
allow for half-duplex operation as well as turning on the
VCO to give the synthesizer time to settle and complete
power down mode.
• Fully Monolithic Integrated Transceiver
• 2.4V to 5.0V Supply Voltage
• Narrowband and Wideband FSK
• 300MHz to 1000MHz Frequency Range
• 10dB Cascaded Noise Figure
• 10mW Output Power With Power Control
RF2915
433/868/915MHz FSK/ASK/OOK Transceiver
RF2915 PCBA-L
Fully Assembled Evaluation Board (433MHZ)
RF2915 PCBA-M Fully Assembled Evaluation Board (868MHZ)
RF2915 PCBA-H Fully Assembled Evaluation Board (915MHz)
11
Rev A7 001011
7° MAX
0° MIN
+ 0.15
0.10
0.60
0.127
7.00
+0.20 sq.
5.00
+0.10 sq.
0.22
+0.05
Dimensions in mm.
0.15
0.05
-A-
1.40
+0.05
0.50
Package Style: LQFP-32_5x5


Similar Part No. - RF2915

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
433/868/915MHZ FM/FSK RECEIVER
RF2919 RFMD-RF2919 Datasheet
519Kb / 18P
433/868/915MHZ ASK/OOK RECEIVER
More results

Similar Description - RF2915

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
433/868/915MHZ FM/FSK RECEIVER
RF2919 RFMD-RF2919 Datasheet
519Kb / 18P
433/868/915MHZ ASK/OOK RECEIVER
RF2945 RFMD-RF2945 Datasheet
742Kb / 24P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
logo
Infineon Technologies A...
TDK5110 INFINEON-TDK5110 Datasheet
618Kb / 41P
ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002
logo
Melexis Microelectronic...
TH72036 MELEXIS-TH72036 Datasheet
342Kb / 16P
868/915MHz FSK/ASK Transmitter
TH72035 MELEXIS-TH72035 Datasheet
547Kb / 20P
868/915MHz FSK/ASK Transmitter
TH72035 MELEXIS-TH72035_17 Datasheet
1Mb / 21P
868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_17 Datasheet
952Kb / 16P
868/915MHz FSK/ASK Transmitter
logo
List of Unclassifed Man...
A7108 ETC-A7108 Datasheet
906Kb / 57P
315/433/868/915MHz FSK/GFSK Transceiver
Apr., 2011, Version 0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com