Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BA7230LS Datasheet(PDF) 7 Page - Rohm

Part # BA7230LS
Description  NTSC color TV signal encoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7230LS Datasheet(HTML) 7 Page - Rohm

  BA7230LS Datasheet HTML 1Page - Rohm BA7230LS Datasheet HTML 2Page - Rohm BA7230LS Datasheet HTML 3Page - Rohm BA7230LS Datasheet HTML 4Page - Rohm BA7230LS Datasheet HTML 5Page - Rohm BA7230LS Datasheet HTML 6Page - Rohm BA7230LS Datasheet HTML 7Page - Rohm BA7230LS Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Multimedia ICs
BA7230LS
VIDEO IN
SYNC
VH
1VP-P
VL
TTL LEVEL (
1)
PCP
VH
VL
TTL LEVEL (
1)
VH
VL
TTL LEVEL (
1)
RGB IN
VL
VL
0.7VP-P
HDP
VH
TTL LEVEL (
1)
YS
VH
TTL LEVEL (
2)
CB
from RGB
COMPOSITE OUT
2VP-P
CB
SUPER
IMPOSE
CB: COLOR BURST
1 VL: 0 ~ 0.8V VH: 3.0V ~ VCC
2 VL: 0 ~ 0.4V VH: 2.0V ~ VCC
2VP-P
CB
BFP
Fig. 9
Input waveform and timing chart
Electrical characteristic curves
80
70
60
50
40
30
20
10
0
01
2
3
4
5
POWER SUPPLY VOLTAGE: VCC (V)
6
78
Fig. 10 Quiescent current vs.
power supply voltage
3580.5
f0 = 3579.545kHz
3580.0
3579.5
3579.0
3578.5
34
5
POWER SUPPLY VOLTAGE: VCC (V)
6
7
Fig. 11 VCXO free-run frequency vs.
power supply voltage
f0 = 3579.545kHz
VIN = 0.1VP-P
+ lock
+ cap
400
600
200
f0 = 0
– 200
– 400
– 600
34
5
POWER SUPPLY VOLTAGE: VCC (V)
6
7
– cap
– lock
Fig. 12 Capture range and
lock range (!) vs.
power supply voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com