Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BA7232FS Datasheet(PDF) 3 Page - Rohm

Part # BA7232FS
Description  Color TV Signal Encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7232FS Datasheet(HTML) 3 Page - Rohm

  BA7232FS Datasheet HTML 1Page - Rohm BA7232FS Datasheet HTML 2Page - Rohm BA7232FS Datasheet HTML 3Page - Rohm BA7232FS Datasheet HTML 4Page - Rohm BA7232FS Datasheet HTML 5Page - Rohm BA7232FS Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Multimedia ICs
BA7232FS
Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 5V, XTAL = 3.58MHz)
VIL
——
0.8
V
VIH
2.2
——
V
Input impedance
ZI
8
13.5
k
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Current dissipation
ICC
33.0
48.0
63.0
mA
YOUT
VOUT
Luminance level
υL
0.63
0.70
0.77
VP-P
υRI = υGI = υBI = 0.7VP-P
Luminance level R
υL(R)
0.19
0.21
0.23
VP-P
Luminance level G
υL(G)
0.37
0.41
0.45
VP-P
Luminance level B
υL(B)
0.07
0.08
0.09
VP-P
Synchronization level
υS
0.27
0.30
0.33
VP-P
RS/L
0.38
0.43
0.48
RYO =
υS / υL
COUT
VOUT
R / burst level ratio
RR/BU
2.84
3.16
3.48
G / burst level ratio
R G/BU
2.65
2.95
3.25
B / burst level ratio
R B/BU
2.01
2.24
2.47
R phase
θR
94
104
114
deg
G phase
θG
231
241
251
deg
B phase
θB
337
347
357
deg
Burst level
υBU
0.26
0.29
0.32
VP-P
Carrier leak
υCL
35
mVP-P
PAL burst phase
θBU+
125
135
145
deg
θBU
215
225
235
deg
PAL burst level ratio
RBU
0.9
1.0
1.1
SYNCOUT
2.00
2.50
5.00
V
0
0.40
V
υRO
0.63
0.70
0.77
VP-P
υRI = 0.7VP-P
υGO
0.63
0.70
0.77
VP-P
υGI = 0.7VP-P
υBO
0.63
0.70
0.77
VP-P
υBI = 0.7VP-P
VYO
1.60
2.00
2.40
V
VCO
2.20
2.60
3.00
V
VVO
1.75
2.15
V
VRO
1.25
1.65
2.05
V
VGO
1.25
1.65
2.05
V
VBO
1.25
1.65
2.05
V
Synchronization /
luminance level ratio
Input voltage "L" level
Input voltage "H" level
SYNC, BFP, NT / PAL
SYNC, BFP, NT / PAL
SYNC, BFP, NT / PAL
1.35
YOUT DC voltage
COUT DC voltage
VOUT DC voltage
ROUT DC voltage
GOUT DC voltage
BOUT DC voltage
Output level (HIGH)
Output level (LOW)
ROUT
GOUT
BOUT
output level
output level
output level
υRI = 0.7VP-P1
υGI = 0.7VP-P1
υBI = 0.7VP-P1
υRI = 0.7VP-P1
υGI = 0.7VP-P1
υBI = 0.7VP-P1
SW1 = 21
SW1 = 21
SW1 = 21
1 Guaranteed performance.
2 Measured 3.5 µs after burst with a 3.58 MHz BPF.
3 Measured with a 3.58 MHz BPF.
Not designed for radiation resistance.
1
1
1
3
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com