Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BU8307CS Datasheet(PDF) 8 Page - Rohm

Part # BU8307CS
Description  Pulse / tone dialer for telephone set
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU8307CS Datasheet(HTML) 8 Page - Rohm

Back Button BU8307CS Datasheet HTML 4Page - Rohm BU8307CS Datasheet HTML 5Page - Rohm BU8307CS Datasheet HTML 6Page - Rohm BU8307CS Datasheet HTML 7Page - Rohm BU8307CS Datasheet HTML 8Page - Rohm BU8307CS Datasheet HTML 9Page - Rohm BU8307CS Datasheet HTML 10Page - Rohm BU8307CS Datasheet HTML 11Page - Rohm BU8307CS Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
170
Communication ICs
BU8307CS / BU8307CF
Key operations
": Off-hook
#: On-hook
(1)
Normal dialing
"D1 to Dn
After going off-hook, the dial data from the key input is
written to the redial memory, and the dial signals are sent
based on the specified mode (pulse or tone). There is no
upper limit on the number of digits that can be dialed. Key
input can also be entered during dial output. To inhibit
subsequent redialing, press the R key twice after the dial
signals have been sent.
(2)
Access pause
"D1 PA D2 to Dn
Pressing the PA key automatically initiates a 3.6-second
pause. Pauses can be stacked by simply pressing the PA
key the required number of times, each time being one
3.6-second pause.
During a pause, dialing input is allowed,just as during dial
signal transmission. When redialing, if a pause is being
executed, it can be canceled by pressing the PA , T , or
R key during the pause. Multiple causes being executed
in succession can also be canceled by pressing the PA ,
T , or R key one time during the cumulative pause.
(3)
Redial
" R
" # (MODEIN = H or Z)
Redial is only accepted if the redial key is pressed im-
mediately after going off-hook. After going off-hook,
pressing the R key in tone mode or the # key in pulse
mode causes the last number dialed to be redialed. Key
input is not accepted when a redial signal is being output.
After the redial digits have been transmitted, any number
of valid key inputs are accepted and transmitted. The re-
dial memory holds up to 32 digits. Redial is inhibited if
more than 32 digits are dialed in pulse mode, or more
than 31 digits are dialed in tone mode. In pulse mode, the
following can be written to the redial memory : 0 to 9 ,
PA and T . In tone mode, the following can be written to
the redial memory 0 to 9 ,
, # , and PA .
Further redialing is inhibited following completion of the
redial output by pressing the R key twice in succession.
Note: In tone mode, because one digit of memory is
used to store the mode, the maximum number of
valid digits available for redialing is 31.
(4)
Mode switching (mixed mode dialing)
"D1 to Di T (or
) Di+1 to Dn (MODEIN = H or Z)
Switching from pulse mode to tone mode can be done
only once when in an off-hook state. Setting the mode
switching pin to the pulse mode (MODEIN = HIGH or Z)
and pressing the T (or
) key writes the data required
to switch to tone mode into memory.
In pulse mode, pressing the T (or
) key while the dial
signal is being sent automatically inserts a 3.6-second
pause after all digits up to that key have been trans-
mitted, and all subsequent dial signals are transmitted as
tones. In this case, the
signal is sent out as a DTMF
signal. Also, because the information required to switch
to the tone mode is written to the memory, mixed dialing
is possible when redialing. When doing this, the mode
setting will match that at the time of key input, regardless
of the position of the MODEIN pin.
(5)
Hooking
" H
This initiates the hooking operation. After the operation
has been completed, a hooking pause is inserted auto-
matically. If a dial signal is being transmitted when the H
key is pressed, the dial sequence is immediately inter-
rupted, and the hooking operation is initiated. The hook-
ing time can be selected as either 607ms or 84ms, de-
pending on the setting of the LH / SH pin. Pressing the H
key initiates the following sequence: off-hook
! on-hook
(hooking time)
! off-hook pause (hooking pause time) !
off-hook operation.
Internal state of the IC when the H key is pressed
1 The input mode is reset, and the circuit goes to stand-
by state in the pulse mode.
If the MODEIN pin is LOW, however, the state is recog-
nized as tone mode.
2 The line pointer is reset, enabling redialing.
3 After the H key has been pressed, other subsequent
key input is enabled. The hooking operation is not written
to the memory. While the hooking operation is in prog-
ress, the only key input which is not accepted is the H
key. All other key input is accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com