Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

0022436070 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0022436070
Description  2.50mm (.098") Pitch SPOX Header, Shrouded, Staggered Footprint, 7 Circuits,White
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022436070 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0022436070 Datasheet HTML 1Page - Molex Electronics Ltd. 0022436070 Datasheet HTML 2Page - Molex Electronics Ltd. 0022436070 Datasheet HTML 3Page - Molex Electronics Ltd. 0022436070 Datasheet HTML 4Page - Molex Electronics Ltd. 0022436070 Datasheet HTML 5Page - Molex Electronics Ltd. 0022436070 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
REV:
ECR/ECN INFORMATION
SHEET No.
EC NO:
UCP2006-0509
S
DATE:
3/29/2006
TITLE:
2.5 MM HEADER ASSEMBLY
(STAGGERED PINS)
- 3 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-42249-*
ELHAG
ADERR
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42249-ND-*
A-42249-NE-*
A-42249-NF-*
HOUSING
42249-NR
HOUSING
42249-NC
HOUSING
42249-ND
COLOR
RED
COLOR
ORANGE
COLOR
YELLOW
PIN NO
45613-0001
PIN NO
45613-0001
PIN NO
45613-0001
PLATING
154
PLATING
154
PLATING
154
Ckt
Material No
Engineering No
Void Ckts
Ckt
Material No
Engineering No
Void Ckts
Ckt
Material No
Engineering No
Void Ckts
2
22-44-7022
A-42249-2D
2
22-44-7024
A-42249-2E
2
22-44-7021
A-42249-2F
3
22-44-7032
A-42249-3D
3
22-44-7034
A-42249-3E
3
22-44-7031
A-42249-3F
4
22-44-7042
A-42249-4D
4
22-44-7044
A-42249-4E
4
22-44-7041
A-42249-4F
5
22-44-7052
A-42249-5D
5
22-44-7054
A-42249-5E
5
22-44-7051
A-42249-5F
6
22-44-7062
A-42249-6D
6
22-44-7064
A-42249-6E
6
22-44-7061
A-42249-6F
7
22-44-7072
A-42249-7D
7
22-44-7074
A-42249-7E
7
22-44-7071
A-42249-7F
8
22-44-7082
A-42249-8D
8
22-44-7084
A-42249-8E
8
22-44-7081
A-42249-8F
9
22-44-7092
A-42249-9D
9
22-44-7094
A-42249-9E
9
22-44-7091
A-42249-9F
10
22-44-7102
A-42249-10D
10
22-44-7104
A-42249-10E
10
22-44-7101
A-42249-10F
11
A-42249-11D
11
22-44-7114
A-42249-11E
11
22-44-7111
A-42249-11F
12
22-44-7122
A-42249-12D
12
22-44-7124
A-42249-12E
12
22-44-7121
A-42249-12F
13
A-42249-13D
13
22-44-7134
A-42249-13E
13
22-44-7131
A-42249-13F
14
A-42249-14D
14
22-44-7144
A-42249-14E
14
22-44-7141
A-42249-14F
15
A-42249-15D
15
22-44-7154
A-42249-15E
15
22-44-7151
A-42249-15F
22-44-7049
A-42249-4D-2
2
022-44-7048
A-42249-04D-3
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com