Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RS5C313 Datasheet(PDF) 21 Page - RICOH electronics devices division

Part # RS5C313
Description  ULTRA-COMPACT REAL-TIME CLOCK IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5C313 Datasheet(HTML) 21 Page - RICOH electronics devices division

Back Button RS5C313 Datasheet HTML 17Page - RICOH electronics devices division RS5C313 Datasheet HTML 18Page - RICOH electronics devices division RS5C313 Datasheet HTML 19Page - RICOH electronics devices division RS5C313 Datasheet HTML 20Page - RICOH electronics devices division RS5C313 Datasheet HTML 21Page - RICOH electronics devices division RS5C313 Datasheet HTML 22Page - RICOH electronics devices division RS5C313 Datasheet HTML 23Page - RICOH electronics devices division RS5C313 Datasheet HTML 24Page - RICOH electronics devices division RS5C313 Datasheet HTML 25Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Considerations in Use of XSTP Bit
Ensure error-free oscillation halt sensing by preventing the following:
1) Instantaneous disconnection of VDD
2) Condensation on the crystal oscillator
3) Generation of noise on the PCB in the crystal oscillator
4) Application of voltage exceeding prescribed maximum ratings to the indi-
vidual pins of the IC
RS5C313
18
Oscillation Halt can be sensed by setting the XSTP (oscillator halt sensing) bit to 0 (after writing data to the control
register) and then monitoring the XSTP bit. Upon oscillator halt sensing, the XSTP bit is switched from 0 to 1. This
function can be applied to judge clock data validity.
5. Oscillator Halt Sensing
Writing of data to
control register
(in the presence of oscillation)
Power-on
from 0V
*
1
Oscillation restart
*
2
Oscillation halt
XSTP
*1) While the CE pin is held at the low level the XSTP bit is set to 1 upon power-on from 0 V. Note that any instantaneous power disconnection may
cause operational failure. When the CE pin is held at the high level oscillation halt is not sensed and the value of the XSTP bit when the CE pin is
held at the low level is retained.
*2) Once oscillation halt has been sensed, the XSTP bit is held at 1 even if oscillation is restarted.
6. Typical Power Supply Circuit
OSCIN
OSCOUT
VDD
VSS
R S 5 C 3 1 3
B
A
System supply voltage
INTR
1) Connect the capacitance of the oscillation circuit to the VSS pin.
2) Mount the high- and low-frequency by-pass capacitors in parallel
and very close to the RS5C313.
3) Connect the pull-up resistor of the INTR pin to two different posi-
tions depending on whether the resistor is in use during battery
back-up.
• When not in use during battery back-up
- - - - - Position A in the left figure
• When in use during battery back-up
- - - - - Position B in the left figure
4) Timing of power supply on / off and CE terminal refer to lower part
plan.
C
0V
VDD
CE
D
0.2VDD
MIN. 0µs
MIN. 0µs
MIN. 0µs
C,D,E : The lower limit voltage for CPU operation
0.2VDD
0.2VDD
Battery voltage
System supply
voltage
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com