Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FS10KMJ-3 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # FS10KMJ-3
Description  HIGH-SPEED SWITCHING USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FS10KMJ-3 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  FS10KMJ-3 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FS10KMJ-3 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FS10KMJ-3 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FS10KMJ-3 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Feb.1999
MITSUBISHI Nch POWER MOSFET
FS10KMJ-3
HIGH-SPEED SWITCHING USE
0
40
80
120
160
200
100
35 7
2
101
35 7
2
102
35 7
23
VGS = 4V
TC = 25
°C
Pulse Test
10V
0
4
8
12
16
20
02468
10
TC = 25
°C
VDS = 10V
Pulse Test
100
101
23 4 5 7
102
23 4 5 7
100
101
2
3
4
5
7
102
2
3
4
5
7
TC = 25
°C
VDS = 10V
Pulse Test
75
°C
125
°C
ON-STATE VOLTAGE VS.
GATE-SOURCE VOLTAGE
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
ON-STATE RESISTANCE VS.
DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
FORWARD TRANSFER ADMITTANCE
VS.DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
SWITCHING CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
CAPACITANCE VS.
DRAIN-SOURCE VOLTAGE
(TYPICAL)
DRAIN CURRENT ID (A)
0
0.4
0.8
1.2
1.6
2.0
02468
10
TC = 25
°C
Pulse Test
5A
ID = 15A
10A
101
102
2
3
5
7
103
2
3
5
7
104
2
3
5
7
100
35 7
2
101
35 7
2
102
35 7
3
2
Tch = 25
°C
f = 1MHZ
VGS = 0V
Ciss
Coss
Crss
100
101
23 4 5 7
102
23 4 5 7
101
102
2
3
4
5
7
103
2
3
4
5
7
Tch = 25
°C
VDD = 80V
VGS = 10V
RGEN = RGS = 50
td(off)
td(on)
tf
tr



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com