Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM9604 Datasheet(PDF) 7 Page - Sames

Part # PM9604
Description  THREE PHASE POWER/ENERGY METERING MODULE FOR SPI BUS AND PULSE OUTPUT DEVICES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9604 Datasheet(HTML) 7 Page - Sames

Back Button PM9604 Datasheet HTML 3Page - Sames PM9604 Datasheet HTML 4Page - Sames PM9604 Datasheet HTML 5Page - Sames PM9604 Datasheet HTML 6Page - Sames PM9604 Datasheet HTML 7Page - Sames PM9604 Datasheet HTML 8Page - Sames PM9604 Datasheet HTML 9Page - Sames PM9604 Datasheet HTML 10Page - Sames PM9604 Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PM9604/5AP
sames
7/14
Figure 1: Module layout
8.
Demonstration Software
Software to demonstrate the capabilities of the SA9604A is provided with the
module. This software is supplied on a 3½" disk and will operate under Windows
95 or Windows 3.1 environment.
R2 7
CT 2
IC 1
R1 2
P1 4
R2 9
SK3
PI N9
PI N1 2
IC 5
PI N7
PI N8
IC 2
R2 8
JP 4 SA9 60 4
FOU T
Se le c t
SK2
JP 3
C3
R1 3
R1 0
R1 6
R1 1
JP 2
PH 2
Ba l
CT 3
PH 3
PH 2
C1 1R7 A
C4
R3 2
C8
R3 0
R3 1
D1
D2
C7
R2 4
IC 4
R7 B
JP 7
JP 5
R2 5
T7
R2 6
JP 6
Ga i n
Ad j
R4
C9
IC 3
R2 3
C1
C1 0
D3
D4
P M 96 04 / 5 A P
SAM E S
D6
C5
D5
C6
R2 0
CT 1
T5 T6
R5
R6
R1 4
R9
R8
R1 5
Ba l a n c e
PH 3
JP 1
R3 B
R2 B
M1
C2
R1 A
R1 B
MA I N S
PH 1
R3 A
M2
M3
R2 A
R2 1
R 2 2
Note:
The pins of the voltage supply connector, called 'MAINS' have been incorrectly
marked. The order of the pins should read: N (Neutral), Ph 3, Ph 2, Ph 1.
The printed circuit board markings of the Ph 1 and Ph 3 pins have been swopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com