Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA2005F Datasheet(PDF) 2 Page - Sames

Part # SA2005F
Description  Three Phase Bidirectional Power/Energy Metering IC with Instantaneous Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2005F Datasheet(HTML) 2 Page - Sames

  SA2005F Datasheet HTML 1Page - Sames SA2005F Datasheet HTML 2Page - Sames SA2005F Datasheet HTML 3Page - Sames SA2005F Datasheet HTML 4Page - Sames SA2005F Datasheet HTML 5Page - Sames SA2005F Datasheet HTML 6Page - Sames SA2005F Datasheet HTML 7Page - Sames SA2005F Datasheet HTML 8Page - Sames SA2005F Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
sames
sames
SA2005F
2/10
3
http://www.sames.co.za
ELECTRICAL CHARACTERISTICS
#
(V = 2.5V, V = -2.5V, over the temperature range -10°C to +70°C , unless otherwise specified.)
DD
SS
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage
V -V
-0.3
6.0
V
DD
SS
Current on any pin
I
-150
+150
mA
PIN
Storage Temperature
T
-40
+125
°C
STG
Operating Temperature
T
-40
+85
°C
O
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only. Functional operation of the device at these or any other condition above those indicated in the operational sections of
this specification, is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
Operating temp. Range
Supply Voltage
Supply Current
Nonlinearity of Power
Calculation
Current Sensor Inputs (Diffferential)
Input Current Range
Voltage Sensor Input (Asymmetrical)
Input Current Range
Pins FOUT, DIR
Output Low Voltage
Output High Voltage
Pulse Rate: FOUT
Pin PGM0, PGM1, TEST, TCLK
High Voltage
Low Voltage
Pin VREF
Ref. Current
Ref. Voltage
°C
V
%
µA
µA
V
V
Hz
Hz
Hz
Hz
V
V
µA
V
T
O
V
- V
DD
SS
I
DD
I
II
I
IV
V
OL
V
OH
f
P
f
P
V
IH
V
IL
-I
R
V
R
-25
-25
-25
4.5
-0.3
V-1
DD
0
0
0
0
V-1
DD
45
1.1
50
55
1.3
V+1
SS
1160
3500
64
200
V+1
SS
+25
+25
+85
5.5
10
+0.3
1% - 100% of rated
power
Peak value
Peak value
I
= 5mA
OL
I
= -2mA
OH
MODES 0, 1, 2
Specified linearity
Min and Max limits
MODE 3
Specified linearity
Min and Max Limits
With R = 24kW
connected to V
SS
Referred to V
SS
mA
Output unloaded
Condition
Unit
Max
Typ
Min
Symbol
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com