Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA2532AP Datasheet(PDF) 1 Page - Sames

Part # SA2532AP
Description  VERSATILE SINGLE CHIP TELEPHONE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532AP Datasheet(HTML) 1 Page - Sames

  SA2532AP Datasheet HTML 1Page - Sames SA2532AP Datasheet HTML 2Page - Sames SA2532AP Datasheet HTML 3Page - Sames SA2532AP Datasheet HTML 4Page - Sames SA2532AP Datasheet HTML 5Page - Sames SA2532AP Datasheet HTML 6Page - Sames SA2532AP Datasheet HTML 7Page - Sames SA2532AP Datasheet HTML 8Page - Sames SA2532AP Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
sames
SA2532
1/22
sames
VERSATILE SINGLE CHIP TELEPHONE
4153
SA2532 A/C/U
PDS039-SA2532-001
Rev. C
23-10-1995
FEATURES
n Speech circuit, LD/MF Dialler and Tone
Ringer on one 28 pin CMOS chip
n Soft clip to avoid harsh distortion
n Line Loss Compensation selectable by
pin option
n Power down mode
n Versatile applications for different PTT
demands
n 31 digit last number redial
n Sliding Cursor protocol with comparison
n 2 Flash keys, 100 ms and 280 ms (option
600 ms)
n Pause key for 3 sec Auto Pause or Wait
Function
n Ring frequency discrimination
n Operating range from 13 to 100 mA
(down to 5 mA with reduced perform-
ance)
n Low noise (max. -72dBmp)
n Real or Complex impedance on chip pro-
grammable
n LD/MF switchable dialling
n On chip MF filter (CEPT CS 203 compat-
ible)
n 3-tone melody generator with selectable
repetition rates
1/22
GENERAL DESCRIPTION
The SA2532 is a CMOS integrated circuit that
contains all the functions needed to form a
high performance electronic telephone.
The device incorporates LD/MF dialling,
melody generation, ring frequency discrimi-
nation and a high quality speech circuit.
A RAM is on chip for a 31 digit last number
redial. The sliding cursor procedure makes
Last Number Redial easy behind a PABX.
The versatility of the circuit is provided by on
chip programmability and a few external com-
ponents. This allows easy adaption to differ-
ent PTT requirements without changing the
PCB of the telephone.
PACKAGE
Available in 28 pin DIP and SOIC
SA2532
HS DP
DR-00975
OSC
C3
C4
RR
14
AGND
STB
LLC
CI
MO
DD
RO2
RO1
LS
V
1
R2
15
R4
R3
C1
C2
M2
MODE
M1
FCI
R1
28
SS
V
CS
RI
LI


Similar Part No. - SA2532AP

ManufacturerPart #DatasheetDescription
logo
Sames
SA2532 SAMES-SA2532 Datasheet
71Kb / 13P
SINGLE CHIP TELEPHONE INTERFACE FOR KEYBOARD ENTRY VIA uC
SA2532 SAMES-SA2532 Datasheet
36Kb / 4P
SINGLE CHIP TELEPHONE POWER EXTRACTION FOR EXTERNAL LOADS
SA2532K SAMES-SA2532K Datasheet
623Kb / 27P
SINGLE CHIP TELEPHONE DEMO BOARD
SA2532KA SAMES-SA2532KA Datasheet
187Kb / 21P
SINGLE CHIP TELEPHONE FOR INDIA
SA2532KB SAMES-SA2532KB Datasheet
187Kb / 21P
SINGLE CHIP TELEPHONE FOR INDIA
More results

Similar Description - SA2532AP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
Versatile telephone transmission circuit with dialler interface
March 1994
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
Versatile telephone transmission circuit with dialler interface
1996 Apr 04
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
Versatile telephone transmission circuit with dialler interface
1996 Apr 23
logo
Sames
SA2531 SAMES-SA2531 Datasheet
392Kb / 24P
VERSATILE SINGLE CHIP TELEPHONE WITH 14 NUMBER REPERTORY DIALLER
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
Versatile Telephone Transmission Circuit with Dialler Interface
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
logo
IC MICROSYSTEMS
ICM9102M ICMIC-ICM9102M Datasheet
339Kb / 3P
SINGLE CHIP TELEPHONE BOARD MODULE
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_15 Datasheet
275Kb / 9P
LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com