| Electronic Components Datasheet Search |
|
SA9101 Datasheet(PDF) 18 Page - Sames |
|
|
|||||||||||||||||||||||||||||
SA9101 Datasheet(HTML) 18 Page - Sames |
|
18 / 40 page ![]() SA9101 sames 18/40 S i -bit access In accordance with CCITT signalling requirements, the S i bits of frame 13 and frame 15 of the CRC Multi-frame can be used to indicate received error submultiframes: Submultiframe I status : S i13 Submultiframe II status : S i15 no CRC error : S i = 1 CRC error : S i = 0 S i -bits insertion can be done through the µP-interface(in non-Transparent and Extended Timeslot 0 Signalling Transparent modes) or, if enabled, automatically by the SA9101 without any intervention of the microprocessor. In this case, the status information of received sub- multiframe, is inserted in S i-bit position of the outgoing CRC-Multiframe. A third option is via the system interface should the Timeslot 0 Transparent or Timeslot 0 Signalling Transparent modes be selected. Differences to Siemens ACFA (PEB2035 V4.1) 1. Automatic Force Resynchronisation feature for CRC mode,CR1B6 (Mode Register, bit AFR), is not used because this feature is implemented in hardware to be carried out automatically. 2. S n bit stack CR1B5 (Mode Register, bit ENSN) enables the S n bit stack for both CRC Multiframe and Double frame formats. 3. CRC Multiframe enable CR1B3 (Mode Register, bit CRC) switches only between CRC Multiframe and DoubleFrame formats. No need for CX1B7 (EMOD DFSN) to enable S n bit stack in Double Frame format due to point 2 above. 4. Service Word Condition Disable CR9B7 (RC1.SWD) is not used. Always functions in Standard Operation mode, i.e. 3 consecutive incorrect service words will cause loss of synchronisation. 5. Select loss of Sync Condition CR9B6 (RC1.ASY4) is not used. Always functions in Standard Operation Mode (according to CCITT Rec.), i.e. 3 consecutive incorrect service words will cause loss of synchronisation. 6. Extended DMA Mode CX1B1 (EMOD EDMA) is not used. The DMA facility must always read/write two consecutive bytes. This is the only mode of operation therefore no selection is required. 7. Disable AIS to System Interface CX1B0 (EMOD DAIS) is redefined. Siemens allowed for AIS selection for receive transparent mode. However, in Receive transparent mode synchronisation may be lost and therefore AIS is always disabled in the SA9101. This bit is redefined to provide a double frame marker to provide synchronisation to the Double Frame format. 8. Unique feauture in Timeslot 0 Signalling Transparent Mode The SA9101 is capable of recognising the frame alignment pattern and therefore will not overwrite the Sn and Si information inserted externally (via DXI) in the desired bit locations of the alternating timeslot 0 words. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |