Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA9603C Datasheet(PDF) 5 Page - Sames

Part # SA9603C
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9603C Datasheet(HTML) 5 Page - Sames

  SA9603C Datasheet HTML 1Page - Sames SA9603C Datasheet HTML 2Page - Sames SA9603C Datasheet HTML 3Page - Sames SA9603C Datasheet HTML 4Page - Sames SA9603C Datasheet HTML 5Page - Sames SA9603C Datasheet HTML 6Page - Sames SA9603C Datasheet HTML 7Page - Sames SA9603C Datasheet HTML 8Page - Sames SA9603C Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SA9603C
sames
5/18
FUNCTIONAL DESCRIPTION
The SA9603C is a CMOS mixed signal Analog/Digital integrated circuit, which performs
power/energy calculations across a power range of 1000:1, to an overall accurancy of
better than Class 1.
The integrated circuit includes all the required functions for 1-phase power and energy
measurement, such as two oversampling A/D converters for the voltage and current
sense inputs, power calculation and energy integration. Internal offsets are eliminated
through the use of cancellation procedures. The SA9603C integrates the measured
active and reactive power consumption into 22 bit integrators, which are accessable via
a serial port having a RS232 protocol. Two additional on-chip registers exist: one register
contains the mains frequency information; and the other the voltage information.
PIN DESCRIPTION
Description
Ground
Positive Supply Voltage
Negative Supply Voltage
Analog input for mains voltage
Inputs for current sensor
Connections for crystal or ceramic resonator
(OSC1 = Input ; OSC2 = Output)
Serial Interface Out
Serial Interface In
Connection for current setting resistor
Test Pin. Must be connected to V
SS
Mains frequency zero-crossing indication
Test Pins (Leave unconnected)
Designation
GND
V
DD
V
SS
IVP
IIN
IIP
OSC1
OSC2
SOUT
SIN
VREF
TEST
FMO
TP4
TP5
TP6
TP9
TP12
TP16
TP17
TP18
20 Pin
20
8
14
19
1
2
11
10
12
13
3
7
15
4
5
6
9
16
17
18
14 Pin
14
5
10
13
1
2
7
6
8
9
3
4
11
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com