Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC657 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC657
Description  Backlight Driver for 5 LEDs with SemPulseTM Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC657 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC657 Datasheet HTML 6Page - Semtech Corporation SC657 Datasheet HTML 7Page - Semtech Corporation SC657 Datasheet HTML 8Page - Semtech Corporation SC657 Datasheet HTML 9Page - Semtech Corporation SC657 Datasheet HTML 10Page - Semtech Corporation SC657 Datasheet HTML 11Page - Semtech Corporation SC657 Datasheet HTML 12Page - Semtech Corporation SC657 Datasheet HTML 13Page - Semtech Corporation SC657 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
0
Applications Information
SC657
General Description
This design is optimized for handheld applications sup-
plied from a single Li-ion cell and includes the following
key features:
A high efficiency fractional charge pump that
supplies power to all LEDs
Five matched current sinks that control LED
backlighting current, providing 0mA to 25mA
per LED
LEDs can be grouped in up to three indepen-
dently controlled banks
High Current Fractional Charge Pump
The backlight outputs are supported by a high efficiency,
high current fractional charge pump output. The charge
pump multiplies the input voltage by x, .5x, or 2x. The
charge pump switches at a fixed frequency of 250kHz in
.5x and 2x modes and is disabled in x mode to save
power and improve efficiency.
The mode selection circuit automatically selects the mode
as x, .5x, or 2x based on circuit conditions such as LED
voltage, input voltage, and load current. The x mode is
the most efficient of the three modes, followed by .5x
and 2x modes. Circuit conditions such as low input voltage,
high output current, or high LED voltage place a higher
demand on the charge pump output. A higher numerical
mode (.5x or 2x) may be needed momentarily to main-
tain regulation at the OUT pin during intervals of high
demand. The charge pump responds to momentary high
demands, setting the charge pump to the optimum mode
to deliver the output voltage and load current while opti-
mizing efficiency. Hysteresis is provided to prevent mode
toggling.
The charge pump requires two bucket capacitors for
proper operation. One capacitor must be connected
between the C+ and C- pins and the other must be con-
nected between the C2+ and C2- pins as shown in the
Typical Application Circuit diagram. These capacitors
should be equal in value, with a minimum capacitance of
µF to support the charge pump current requirements.
The device also requires at least µF of capacitance on the
IN pin and at least µF of capacitance on the OUT pin to
minimize noise and support the output current require-
ments of up to 90mA. For output currents higher than
90mA, a nominal value of 4.7µF is recommended for C
OUT
and C
IN. Capacitors with X7R or X5R ceramic dielectric are
strongly recommended for their low ESR and superior
temperature and voltage characteristics. Y5V capacitors
should not be used as their temperature coefficients make
them unsuitable for this application.
It is important to ensure the minimum capacitance value
of each capacitor does not drop below µF. This may
require the use of 2.2µF capacitors to be sure that the
degradation of capacitance due to DC voltage does not
cause the capacitance to go below µF.
LED Backlight Current Sinks
The backlight current is set via the SemPulse interface. The
current is regulated to a value between 0mA and 25mA.
The step size varies depending upon the current setting.
Between 0mA and 5mA, the step size is 0.5mA. The step
size increases to mA for settings between 5mA and
2mA. Steps are 2mA between 2mA and 25mA. The varia-
tion in step size allows finer adjustment for dimming func-
tions in the low current setting range and coarse
adjustment at higher current settings where small current
changes are not visibly noticeable in LED brightness. A
zero setting is also included to allow the current sink to be
disabled by writing to either the enable bit or the current
setting register for maximum flexibility.
All backlight current sinks have matched currents, even
when there is a variation in the forward voltages (∆V
F ) of
the LEDs. A ∆V
F difference of .0V is supported when the
input voltage is at 2.9V. Higher ∆V
F LED mis-match is sup-
ported when V
IN is higher than 2.9V. All current sink
outputs are compared and the lowest output is used for
setting the voltage regulation at the OUT pin. This is done
to ensure that sufficient bias exists for all LEDs.
The backlight LEDs default to the off state upon power-up.
For backlight applications using less than five LEDs, any
unused output must be left open and the unused LED
must remain disabled. When writing to the backlight
enable register, a zero (0) must be written to the corre-
sponding bit of any unused output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com