Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MBR20L100CT Datasheet(PDF) 1 Page - Sirectifier Global Corp.

Part # MBR20L100CT
Description  Power Schottky Rectifier - 20Amp 100Volt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR20L100CT Datasheet(HTML) 1 Page - Sirectifier Global Corp.

  MBR20L100CT Datasheet HTML 1Page - Sirectifier Global Corp. MBR20L100CT Datasheet HTML 2Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
http:// www.sirectsemi.com
Power Schottky Rectifier - 20Amp 100Volt
Features
-Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
-High Junction Temperature Capability
-Low forward voltage, high current capability
-High surge capacity
-Low power loss, high efficiency
-ESD performance human body mode > 8 KV
Application
-AC/DC Switching Adaptor and other Switching Power Supply
-TFT-LCD and DVD Power Supply
Absolute maximum ratings
Symbol
Ratings
Unit
Conditions
IF(AV)
20
A
Average Forward Current
VRRM
100
V
Repetitive Peak Reverse
Voltage
IFSM
150
A
Peak Forward Surge Current
VF(max)
0.59
V
Forward Voltage Drop
Tj
-50 to +175
º
C
Operating Temperature
Tstg
-50 to +150
º
C
Storage Temperature
Electrical characteristics
Parameters
Symbol
Ratings
Conditions
Maximum Instantaneous
Forward Voltage
VF
0.75V
0.59V
Tc = 25ºC
Tc = 125ºC
Maximum Reverse Leakage
Current
IR
0.01mA
10mA
Tc = 25ºC
Tc = 125ºC
Maximum Voltage Rate of
Change
dv/dt
10,000 V/μs
Rated VR
Typical Thermal Resistance,
Junction to Case
Rθ (j-c)
2.2 ºC/W
Per diode
Note: Pulse Test : 380μs pulse width, 2% duty cycle
August 2008 / Rev.6.1
TO-220AB
B
D
E
F
H
H
I
C
N
J
G
A
M
L
K
O
A1
A2
K
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.579
.606
14.70
15.40
B
.392
.411
9.95
10.45
C
.104
.116
2.65
2.95
D
.248
.272
6.30
6.90
E
.325
.350
8.25
8.90
F
.126
.157
3.20
4.00
G
.492
.551
12.50
14.00
H
.096
.108
2.45
2.75
I
.028
.039
0.70
1.00
J
.010
.022
0.25
0.55
K
.146
.157
3.70
4.00
L
.167
.187
4.25
4.75
M
.045
.057
1.15
1.45
N
.089
.114
2.25
2.90
O
.047
.055
1.20
1.40
E
L
E
C
T
R
O
N
I
C
MBR20L100CT


Similar Part No. - MBR20L100CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR20L100CT TSC-MBR20L100CT Datasheet
260Kb / 2P
20.0 AMP. Schottky Barrier Rectifiers
MBR20L100CT TSC-MBR20L100CT Datasheet
130Kb / 2P
20.0AMPS Low VF Schottky Barrier Rectifiers
MBR20L100CT TSC-MBR20L100CT Datasheet
210Kb / 4P
Dual Common Cathode Schottky Rectifier
logo
Dongguan City Niuhang E...
MBR20L100CT NIUHANG-MBR20L100CT Datasheet
6Mb / 5P
LOW VF SCHOTTKY RECTIFIERS
MBR20L100CT NIUHANG-MBR20L100CT Datasheet
7Mb / 5P
SUPER LOW VF SCHOTTKY RECTIFIERS
More results

Similar Description - MBR20L100CT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR20HL100CT SIRECT-MBR20HL100CT Datasheet
180Kb / 2P
Power Schottky Rectifier - 20Amp 100Volt
MBR20U100FCTH SIRECT-MBR20U100FCTH Datasheet
180Kb / 2P
Power Schottky Rectifier - 20Amp 100Volt
MBR20U100CTH SIRECT-MBR20U100CTH Datasheet
180Kb / 2P
Power Schottky Rectifier - 20Amp 100Volt
MBR20B100CTH SIRECT-MBR20B100CTH Datasheet
145Kb / 4P
Power Schottky Rectifier - 20Amp 100Volt
MBR20A100CTH SIRECT-MBR20A100CTH Datasheet
147Kb / 4P
Power Schottky Rectifier - 20Amp 100Volt
MBR20BS100CTH SIRECT-MBR20BS100CTH Datasheet
131Kb / 3P
Power Schottky Rectifier - 20Amp 100Volt
MBR20C100CTH SIRECT-MBR20C100CTH Datasheet
134Kb / 3P
Power Schottky Rectifier - 20Amp 100Volt
MBR20D100CTH SIRECT-MBR20D100CTH Datasheet
138Kb / 3P
Power Schottky Rectifier - 20Amp 100Volt
MBR20U100CTH SIRECT-MBR20U100CTH Datasheet
145Kb / 4P
Power Schottky Rectifier - 20Amp 100Volt
MBR20X100CTH SIRECT-MBR20X100CTH Datasheet
137Kb / 3P
Power Schottky Rectifier - 20Amp 100Volt
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com