Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1N4148 Datasheet(PDF) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # 1N4148
Description  HIGH VOLTAGE SILICON RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

1N4148 Datasheet(HTML) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  1N4148 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. 1N4148 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. 1N4148 Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd. 1N4148 Datasheet HTML 4Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ratings at 25 °C ambient temperature unless otherwise specified
Rectification Efficiency Measurement Circuit
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
at IF = 10 mA
VF
––1V
Leakage Current
at VR = 20 V
at VR = 75 V
at VR = 20 V, Tj = 150 °C
IR
IR
IR
25
5
50
nA
µA
µA
Capacitance
at VF = VR = 0 V
Ctot
––4pF
Voltage Rise when Switching ON
tested with 50 mA Pulses
tp = 0.1 µs, Rise Time < 30 ns, fp = 5 to 100 kHz
Vfr
––2.5
V
Reverse Recovery Time
from IF = 10 mA to IR = 1 mA,
VR = 6 V, RL = 100 Ω
trr
––4ns
Thermal Resistance Junction to Ambient Air
RthJA
3501)
K/W
Rectification Efficiency
at f = 100 MHz, VRF = 2 V
ηv
0.45
1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature (DO-35)
HIGH VOLTAGE SILICON RECTIFIER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com