Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC16F720-E/ML Datasheet(PDF) 98 Page - Microchip Technology

Part # PIC16F720-E/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F720-E/ML Datasheet(HTML) 98 Page - Microchip Technology

Back Button PIC16F720-E/ML Datasheet HTML 94Page - Microchip Technology PIC16F720-E/ML Datasheet HTML 95Page - Microchip Technology PIC16F720-E/ML Datasheet HTML 96Page - Microchip Technology PIC16F720-E/ML Datasheet HTML 97Page - Microchip Technology PIC16F720-E/ML Datasheet HTML 98Page - Microchip Technology PIC16F720-E/ML Datasheet HTML 99Page - Microchip Technology PIC16F720-E/ML Datasheet HTML 100Page - Microchip Technology PIC16F720-E/ML Datasheet HTML 101Page - Microchip Technology PIC16F720-E/ML Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 244 page
background image
PIC16F/LF720/721
DS41430A-page 98
 2010 Microchip Technology Inc.
13.5.2.1
T1G Pin Gate Operation
The T1G pin is one source for Timer1 gate control. It
can be used to supply an external source to the Timer1
gate circuitry.
13.5.2.2
Timer0 Overflow Gate Operation
When Timer0 increments from FFh to 00h, a low-to-
high pulse will automatically be generated and
internally supplied to the Timer1 gate circuitry.
13.5.2.3
Timer2 Match Gate Operation
The TMR2 register will increment until it matches the
value in the PR2 register. On the very next increment
cycle, TMR2 will be reset to 00h. When this Reset
occurs, a low-to-high pulse will automatically be
generated and internally supplied to the Timer1 gate
circuitry.
13.5.2.4
Watchdog Overflow Gate Operation
The Watchdog Timer oscillator, prescaler and counter
will be automatically turned on when TMR1GE = 1 and
T1GSS selects the WDT as a gate source for Timer1
(T1GSS = 11). TMR1ON does not factor into the oscil-
lator, prescaler and counter enable. See Table 13-5.
The PSA and PS bits of the OPTION register still
control what time-out interval is selected. Changing the
prescaler during operation may result in a spurious
capture.
Enabling the Watchdog Timer oscillator does not
automatically enable a Watchdog Reset or Wake-up
from Sleep upon counter overflow.
As the gate signal coming from the WDT counter will
generate different pulse widths depending on if the
WDT is enabled, when the CLRWDT instruction is
executed, and so on, Toggle mode must be used. A
specific sequence is required to put the device into the
correct state to capture the next WDT counter interval.
Note:
When using the WDT as a gate source for
Timer1, operations that clear the Watchdog
Timer (CLRWDT, SLEEP instructions) will
affect the time interval being measured.
This includes waking from Sleep. All other
interrupts that might wake the device from
Sleep should be disabled to prevent them
from disturbing the measurement period.
TABLE 13-5:
WDT/TIMER1 GATE INTERACTION
WDTE
TMR1GE = 1
and
T1GSS = 11
WDT Oscillator
Enable
WDT Reset
Wake-up
WDT Available for
T1G Source
1
N
YY
Y
N
1
Y
YY
Y
Y
0
Y
YN
N
Y
0
N
NN
N
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com