Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SST25VF020B Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST25VF020B
Description  2 Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF020B Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST25VF020B Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25VF020B Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25VF020B Datasheet HTML 19Page - Silicon Storage Technology, Inc SST25VF020B Datasheet HTML 20Page - Silicon Storage Technology, Inc SST25VF020B Datasheet HTML 21Page - Silicon Storage Technology, Inc SST25VF020B Datasheet HTML 22Page - Silicon Storage Technology, Inc SST25VF020B Datasheet HTML 23Page - Silicon Storage Technology, Inc SST25VF020B Datasheet HTML 24Page - Silicon Storage Technology, Inc SST25VF020B Datasheet HTML 25Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Data Sheet
2 Mbit SPI Serial Flash
SST25VF020B
21
©2010 Silicon Storage Technology, Inc.
S71417-02-000
04/10
FIGURE 21: Enable-Write-Status-Register (EWSR) or
Write-Enable (WREN) and Write-Status-Register (WRSR) Word-Data Input Sequence
The WRSR instruction can either execute a byte-data or a
word-data input. Extra data/clock input, or within byte-/
word-data input, will not be executed. The reason for the
byte support is for backward compatibility to products
where WRSR instruction sequence is followed by only a
byte-data.
JEDEC Read-ID
The JEDEC Read-ID instruction identifies the device as
SST25VF020B and the manufacturer as SST. The device
information can be read from executing the 8-bit command,
9FH. Following the JEDEC Read-ID instruction, the 8-bit
manufacturer’s ID, BFH, is output from the device. After
that, a 16-bit device ID is shifted out on the SO pin. Byte 1,
BFH, identifies the manufacturer as SST. Byte 2, 25H, iden-
tifies the memory type as SPI Serial Flash. Byte 3, 8CH,
identifies the device as SST25VF020B. The instruction
sequence is shown in Figure 22. The JEDEC Read ID
instruction is terminated by a low to high transition on CE#
at any time during data output.
FIGURE 22: JEDEC Read-ID Sequence
1417 EWSR1.0
MODE 3
HIGH IMPEDANCE
MODE 0
STATUS
REGISTER
76 54 3 2 10
MSB
MSB
MSB
01
MODE 3
SCK
SI
SO
CE#
MODE 0
50 or 06
0 1 234 5 6 7
0 1 234 5 6 789 10 11 12 13 14 15
STATUS
REGISTER 1
76 54 3 2 10
MSB
16 17 18 19 20 21 22 23
25
8C
1417 JEDECID.1
CE#
SO
SI
SCK
012345678
HIGH IMPEDANCE
15 16
14
28 29 30 31
BF
MODE 3
MODE 0
MSB
MSB
9 10111213
1718
9F
19 20 21 22 23 24 25 26 27
TABLE
7: JEDEC Read-ID Data
Device ID
Manufacturer’s ID
Memory Type
Memory Capacity
Byte1
Byte 2
Byte 3
BFH
25H
8CH
T7.0 1417



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com