Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AL8805 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL8805
Description  HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8805 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL8805 Datasheet HTML 1Page - Diodes Incorporated AL8805 Datasheet HTML 2Page - Diodes Incorporated AL8805 Datasheet HTML 3Page - Diodes Incorporated AL8805 Datasheet HTML 4Page - Diodes Incorporated AL8805 Datasheet HTML 5Page - Diodes Incorporated AL8805 Datasheet HTML 6Page - Diodes Incorporated AL8805 Datasheet HTML 7Page - Diodes Incorporated AL8805 Datasheet HTML 8Page - Diodes Incorporated AL8805 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AL8805
HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
AL8805
Document number: DS35030 Rev. 1 - 2
1 of 16
www.diodes.com
September 2010
© Diodes Incorporated
Description
The AL8805 is a step-down DC/DC converter designed to
drive LEDs with a constant current. The device can drive up
to 8 LEDs, depending on the forward voltage of the LEDs, in
series from a voltage source of 6V to 30V. Series connection
of the LEDs provides identical LED currents resulting in
uniform brightness and eliminating the need for ballast
resistors. The AL8805 switches at frequency up to 1MHz.
This allows the use of small size external components, hence
minimizing the PCB area needed.
Maximum output current of AL8805 is set via an external
resistor connected between the VIN and SET input pins.
Dimming is achieved by applying either a DC voltage or a
PWM signal at the CTRL input pin. An input voltage of 0.4V
or lower at CTRL switches off the output MOSFET simplifying
PWM dimming.
Pin Assignments
4SET
5VIN
SW
1
CTRL
3
GND
2
(Top View)
SOT25
Features
LED driving current up to 1A
Better than 5% accuracy
High efficiency up to 98%
Operating input voltage from 6V to 30V
High switching frequency up to 1MHz
PWM/DC input for dimming control
Built-in output open-circuit protection
SOT25: Available in “Green” Molding Compound (No Br,
Sb) with lead Free Finish/ RoHS Compliant (Note 1)
Applications
MR16 lamps
General illumination lamps
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
Typical Application Circuit


Similar Part No. - AL8805

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8805 DIODES-AL8805 Datasheet
98Kb / 8P
The input bridge rectifier provides the board with reverse battery protection.
AUGUST 2010
AL8805E5TA DIODES-AL8805E5TA Datasheet
144Kb / 8P
The evaluation board does not have reverse supply protection
AUGUST 2010
AL8805E5TA DIODES-AL8805E5TA Datasheet
98Kb / 8P
The input bridge rectifier provides the board with reverse battery protection.
AUGUST 2010
AL8805EV1 DIODES-AL8805EV1 Datasheet
144Kb / 8P
The evaluation board does not have reverse supply protection
AUGUST 2010
AL8805EV2 DIODES-AL8805EV2 Datasheet
98Kb / 8P
The input bridge rectifier provides the board with reverse battery protection.
AUGUST 2010
More results

Similar Description - AL8805

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
Rev 2
AL8807 DIODES-AL8807 Datasheet
1Mb / 21P
HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
Rev 4
AL8808 DIODES-AL8808 Datasheet
3Mb / 20P
COST EFFECTIVE LOW EMI 30V 1A BUCK LED DRIVER
Rev 2
AL8806Q DIODES-AL8806Q Datasheet
661Kb / 13P
HIGH EFFICIENCY 30V 1.6A AUTOMOTIVE GRADE BUCK LED DRIVER
Rev 1
logo
List of Unclassifed Man...
XL8002 ETC2-XL8002 Datasheet
214Kb / 13P
80V 1A High Efficiency Buck PFM LED Constant Current Driver
logo
ON Semiconductor
NCV78713 ONSEMI-NCV78713 Datasheet
284Kb / 31P
High Efficiency Buck Single LED Driver
November, 2015 ??Rev. 1
logo
Diodes Incorporated
AL8807Q DIODES-AL8807Q Datasheet
1Mb / 16P
HIGH EFFICIENCY LOW 30V 1.3A AUTOMOTIVE GRADE BUCK LED DRIVER
Rev 1
AP8803 DIODES-AP8803_12 Datasheet
232Kb / 10P
30V 1A BUCK LED DRIVER
Rev 5
logo
XLSEMI
XL8002 XLSEMI-XL8002 Datasheet
272Kb / 13P
80V 1A High Efficiency Buck PFM LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM9802 HMSEMI-HM9802 Datasheet
622Kb / 13P
80V 1A High Efficiency Buck PFM LED Constant Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com