Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BUJ105AD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUJ105AD
Description  Silicon diffused power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUJ105AD Datasheet(HTML) 2 Page - NXP Semiconductors

  BUJ105AD Datasheet HTML 1Page - NXP Semiconductors BUJ105AD Datasheet HTML 2Page - NXP Semiconductors BUJ105AD Datasheet HTML 3Page - NXP Semiconductors BUJ105AD Datasheet HTML 4Page - NXP Semiconductors BUJ105AD Datasheet HTML 5Page - NXP Semiconductors BUJ105AD Datasheet HTML 6Page - NXP Semiconductors BUJ105AD Datasheet HTML 7Page - NXP Semiconductors BUJ105AD Datasheet HTML 8Page - NXP Semiconductors BUJ105AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
9397 750 14196
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 14 December 2004
2 of 12
Philips Semiconductors
BUJ105AD
Silicon diffused power transistor
3.
Ordering information
4.
Limiting values
Table 2:
Ordering information
Type number
Package
Name
Description
Version
BUJ105AD
D-PAK
plastic single-ended surface mounted package; 3 leads (one lead cropped) SOT428
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCESM
peak collector-emitter voltage
VBE = 0 V
-
700
V
VCEO
collector-emitter voltage
open base
-
400
V
VCBO
collector-base voltage
open emitter
-
700
V
IC
collector current (DC)
-
8
A
ICM
peak collector current
-
16
A
IB
base current (DC)
-
4
A
IBM
peak base current
-
8
A
Ptot
total power dissipation
Tmb = ≤ 25 °C; see Figure 1
-80
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Fig 1.
Normalized total power dissipation as a function of mounting base temperature
Tmb (°C)
0
160
120
40
80
001aab993
40
80
120
Pder
(%)
0
P
der %
()
P
tot
P
tot 25
°C
()
-------------------------
100%
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com