Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISL78840ASRHF/PROTO Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL78840ASRHF/PROTO
Description  Radiation Hardened, High Performance IndustryStandard Single-Ended Current Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78840ASRHF/PROTO Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL78840ASRHF/PROTO Datasheet HTML 3Page - Intersil Corporation ISL78840ASRHF/PROTO Datasheet HTML 4Page - Intersil Corporation ISL78840ASRHF/PROTO Datasheet HTML 5Page - Intersil Corporation ISL78840ASRHF/PROTO Datasheet HTML 6Page - Intersil Corporation ISL78840ASRHF/PROTO Datasheet HTML 7Page - Intersil Corporation ISL78840ASRHF/PROTO Datasheet HTML 8Page - Intersil Corporation ISL78840ASRHF/PROTO Datasheet HTML 9Page - Intersil Corporation ISL78840ASRHF/PROTO Datasheet HTML 10Page - Intersil Corporation ISL78840ASRHF/PROTO Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN6991.0
December 21, 2009
RCS = 295mΩ
Determine the amount of voltage, Ve, that must be
added to the current feedback signal using Equation 12.
Ve = 92.4mV
Using Equation 17, solve for the summing resistor, R9,
from CT to CS.
R9 = 2.67kΩ
Determine the new value of RCS (R’CS) using
Equation 18.
R’CS = 350mΩ
Additional slope compensation may be considered for
design margin. The above discussion determines the
minimum external ramp that is required. The buffer
transistor used to create the external ramp from RTCT
should have a sufficiently high gain (>200) so as to
minimize the required base current. Whatever base
current is required reduces the charging current into
RTCT and will reduce the oscillator frequency.
Fault Conditions
A Fault condition occurs if VREF falls below 4.65V. When a
Fault is detected OUT is disabled. When VREF exceeds
4.80V, the Fault condition clears, and OUT is enabled.
Ground Plane Requirements
Careful layout is essential for satisfactory operation of
the device. A good ground plane must be employed. A
unique section of the ground plane must be designated
for high di/dt currents associated with the output stage.
VDD should be bypassed directly to GND with good high
frequency capacitors.
References
[1] Ridley, R., “A New Continuous-Time Model for
Current Mode Control”, IEEE Transactions on Power
Electronics, Vol. 6, No. 2, April 1991.
ISL78840ASRH, ISL78841ASRH, ISL78843ASRH, ISL78845ASRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com