Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISL78840ASRHVX/SAMPLE Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL78840ASRHVX/SAMPLE
Description  Radiation Hardened, High Performance IndustryStandard Single-Ended Current Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78840ASRHVX/SAMPLE Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL78840ASRHVX/SAMPLE Datasheet HTML 3Page - Intersil Corporation ISL78840ASRHVX/SAMPLE Datasheet HTML 4Page - Intersil Corporation ISL78840ASRHVX/SAMPLE Datasheet HTML 5Page - Intersil Corporation ISL78840ASRHVX/SAMPLE Datasheet HTML 6Page - Intersil Corporation ISL78840ASRHVX/SAMPLE Datasheet HTML 7Page - Intersil Corporation ISL78840ASRHVX/SAMPLE Datasheet HTML 8Page - Intersil Corporation ISL78840ASRHVX/SAMPLE Datasheet HTML 9Page - Intersil Corporation ISL78840ASRHVX/SAMPLE Datasheet HTML 10Page - Intersil Corporation ISL78840ASRHVX/SAMPLE Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN6991.0
December 21, 2009
where D is the percent of on time during a switching
cycle. Setting Q = 1 and solving for Se yields
Equation 10:
Since Sn and Se are the on time slopes of the current
ramp and the external ramp, respectively, they can be
multiplied by tON to obtain the voltage change that
occurs during tON.
where Vn is the change in the current feedback signal
(ΔI) during the on time and Ve is the voltage that must
be added by the external ramp.
For a flyback converter, Vn can be solved for in terms of
input voltage, current transducer components, and
primary inductance, yielding Equation 12:
where RCS is the current sense resistor, fsw is the
switching frequency, Lp is the primary inductance, VIN is
the minimum input voltage, and D is the maximum duty
cycle.
The current sense signal at the end of the ON time for
CCM operation is Equation 13:
where VCS is the voltage across the current sense
resistor, Ls is the secondary winding inductance, and IO is
the output current at current limit. Equation 13 assumes
the voltage drop across the output rectifier is negligible.
Since the peak current limit threshold is 1.00V, the total
current feedback signal plus the external ramp voltage
must sum to this value when the output load is at the
current limit threshold as shown in Equation 14.
Substituting Equations 12 and 13 into Equation 14 and
solving for RCS yields Equation 15:
Adding slope compensation is accomplished in the
ISL7884xASRH using an external buffer transistor and
the RTCT signal. A typical application sums the buffered
RTCT signal with the current sense feedback and applies
the result to the CS pin as shown in Figure 6.
Assuming the designer has selected values for the RC
filter (R6 and C4) placed on the CS pin, the value of R9
required to add the appropriate external ramp can be
found by superposition.
The factor of 2.05 in Equation 16 arises from the peak
amplitude of the sawtooth waveform on RTCT minus a
base-emitter junction drop. That voltage multiplied by
the maximum duty cycle is the voltage source for the
slope compensation. Rearranging to solve for R9 yields
Equation 17:
The value of RCS determined in Equation 15 must be
rescaled so that the current sense signal presented at the
CS pin is that predicted by Equation 13. The divider
created by R6 and R9 makes this necessary.
Example:
VIN = 12V
VO = 48V
Ls = 800µH
Ns/Np = 10
Lp = 8.0µH
IO = 200mA
Switching Frequency, fsw = 200kHz
Duty Cycle, D = 28.6%
R6 = 499Ω
Solve for the current sense resistor, RCS, using
Equation 15.
S
e
S
n
1
π
---
0.5
+
⎝⎠
⎛⎞ 1
1D
–
-------------
1
–
⎝⎠
⎛⎞
=
(EQ. 10)
V
e
V
n
1
π
---
0.5
+
⎝⎠
⎛⎞ 1
1D
–
-------------
1
–
⎝⎠
⎛⎞
=
(EQ. 11)
V
e
DT
⋅
SW VIN RCS
⋅⋅
L
p
----------------------------------------------------
1
π
---
0.5
+
⎝⎠
⎛⎞ 1
1D
–
-------------
1
–
⎝⎠
⎛⎞
=
V
(EQ. 12)
V
CS
N
S RCS
⋅
N
P
------------------------ I
O
1D
–
() V
O f
⋅⋅
sw
2L
s
--------------------------------------------
+
⎝⎠
⎜⎟
⎛⎞
=
V
(EQ. 13)
V
e
V
CS
+
1
=
(EQ. 14)
R
CS
1
Df
sw VIN
⋅⋅
L
p
-------------------------------
1
π
---
0.5
+
1D
–
------------------ 1
–
⎝⎠
⎜⎟
⎜⎟
⎛⎞
⋅
N
s
N
p
-------
I
O
1D
–
() V
O fsw
⋅⋅
2L
s
--------------------------------------------
+
⎝⎠
⎜⎟
⎛⎞
⋅
+
-----------------------------------------------------------------------------------------------------------------------------------------------------
=
(EQ. 15)
CS
RTCT
R6
C4
R9
VREF
FIGURE 6. SLOPE COMPENSATION
V
e
2.05D R
6
⋅
R
6
R
9
+
----------------------------
=
V
(EQ. 16)
R
9
2.05D
V
e
–
() R
6
⋅
V
e
----------------------------------------------
=
Ω
(EQ. 17)
R
′
CS
R
6
R
9
+
R
9
--------------------- R
CS
⋅
=
(EQ. 18)
ISL78840ASRH, ISL78841ASRH, ISL78843ASRH, ISL78845ASRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com