Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-10 Datasheet(PDF) 2 Page - CUI INC

Part # VOF-10
Description  SWITCHING POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-10 Datasheet(HTML) 2 Page - CUI INC

  VOF-10 Datasheet HTML 1Page - CUI INC VOF-10 Datasheet HTML 2Page - CUI INC VOF-10 Datasheet HTML 3Page - CUI INC VOF-10 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
03/2010
2 of 4
SWITCHING POWER SUPPLY
VOF-10
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
INPUT
parameter
conditions/description
min
nom
max
units
frequency
47
63
Hz
voltage
85
120
264
375
V ac
V dc
inrush current
115 V ac, cold start
230 V ac, cold start
15
30
A
A
OUTPUT
parameter
conditions/description
min
nom
max
units
line regulation
±0.5
%
load regulation
3.3 V model
all other models
±1.2
±1
%
%
over voltage protection
output shut down, power reset required
TVS
over current protection
105
%
temperature coefficient
0 ~ 40°C, full load, after 1 hour warm-up
±0.05
%/°C
hold-up time
110 V ac at full load
16
ms
SAFETY & EMI
parameter
conditions/description
min
nom
max
units
isolation voltage
at 10 mA for 1 minute
3,000
V ac
insulation resistance
input to output at 500 V dc
50
M
safety approvals
UL/cUL 60950, TUV EN60950
EMI standard
FCC class B, EN55022 class B, CE
leakage current
0.25
mA
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
nom
max
units
operating temperature
see de-rating curve
0
45
°C
storage temperature
-25
75
°C
relative humidity
non-condensing
20
90
%
GENERAL
parameter
conditions/description
min
nom
max
units
dimensions
2.56 x 1.77 x 0.91 (L x W x H)
input/output connectors
industrial pins for PCB mounting



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com