Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F334APMC Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB90F334APMC
Description  16-bit microcontrollers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 9Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 10Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 11Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 12Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 13Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 14Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 15Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 16Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
MB90330A Series
DS07-13734-9E
13
(Continued)
Type
Circuit
Remarks
G
• CMOS output
• CMOS hysteresis input
(With input interception function at
standby)
With open drain control signal
H
• CMOS output
• CMOS input
(With input interception function at
standby)
• With input pull-up register control
I
• CMOS output
• CMOS hysteresis input
(With input interception function at
standby)
• Analog input
(The A/D converter analog input is enabled
when the corresponding bit in the analog
input enable register (ADER) is 1.)
Notes:
• Because the output of the I/O port and
the output of internal resources are
used combinedly, one output buffer
is shared.
• Because the input of the I/O port
and the input of internal resources
are used combinedly, one input
buffer is shared.
J
A/D converter (AVRH) voltage input pin
Pout
Nout
P-ch
N-ch
Open drain control
signal
Standby control
signal
CMOS hysteresis
input
Pout
Nout
P-ch
R
N-ch
CTL
CMOS input
Standby control signal
Pout
Nout
P-ch
N-ch
CMOS hysteresis
input
Standby control signal
A/D converter analog
input
P-ch
N-ch
P-ch
N-ch
A/D converter
analog input
enable signal
AVRH input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com