Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CUI-1867 Datasheet(PDF) 2 Page - Tensility International Corp.

Part # CUI-1867
Description  Cable, 550 mm, 5.5x2.1 dc jack to blunt cut, 18 AWG, UL2468
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

CUI-1867 Datasheet(HTML) 2 Page - Tensility International Corp.

  CUI-1867 Datasheet HTML 1Page - Tensility International Corp. CUI-1867 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
part number:
description:
date:
unit:
page:
rev:
ph 661.702.0035 fx 661.702.0038
29033 Avenue Sherman Ste 203 Valencia, CA 91355
www.tensility.com
03/22/10
mm
A
CUI-1867 (053-0705R)
Cable, 550 mm, 5.5x2.1 dc jack to blunt cut,
18 AWG, UL2468
Revision notes:
Rev
Date
Description
A
March 22, 2010
Re-issue. Original specification issued by CUI; re-issued by Ten-
sility without any material or mechanical changes.
2 of 2
Spec sign-off verifies that you have reviewed the entire specification, tested a sample of the product, and
confirm that it meets your requirements. This specification reflects the part as it will be ordered. Orders
will not be processed until the specification pages have been initialed and the approval page has been
signed. This specification is confidential and is not to be transmitted without prior approval from Tensility.
Signature
Title
Name
Date
Specification Approval



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com