Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STK22N6F3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STK22N6F3
Description  N-channel 60 V, 0.0055 OHM, 22 A, PolarPAK STripFET Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK22N6F3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STK22N6F3 Datasheet HTML 3Page - STMicroelectronics STK22N6F3 Datasheet HTML 4Page - STMicroelectronics STK22N6F3 Datasheet HTML 5Page - STMicroelectronics STK22N6F3 Datasheet HTML 6Page - STMicroelectronics STK22N6F3 Datasheet HTML 7Page - STMicroelectronics STK22N6F3 Datasheet HTML 8Page - STMicroelectronics STK22N6F3 Datasheet HTML 9Page - STMicroelectronics STK22N6F3 Datasheet HTML 10Page - STMicroelectronics STK22N6F3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STK22N6F3
Electrical characteristics
Doc ID 14850 Rev 2
7/15
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Capacitance variations
Figure 10. Normalized gate threshold voltage
vs temperature
Figure 11. Normalized on resistance vs
temperature
Figure 12. Source-drain diode forward
characteristics
VGS
6
4
2
0
0
5
Qg(nC)
(V)
20
8
10
15
10
VDD=48V
ID=22A
25
12
AM03892v1
C
3010
2010
1010
10
0
20
VDS(V)
(pF)
10
4010
30
Ciss
Coss
Crss
5010
6010
40
50
AM03893v1
VGS(th)
0.7
0.6
0.5
0.4
-50
0
TJ(°C)
(norm)
0.8
50
100
150
0.9
1.0
1.1
AM03894v1
RDS(on)
2.0
1.5
1.0
0.5
-50
0
TJ(°C)
(norm)
-25
75
25 50
100 125
0
AM03895v1
VSD
5
9
ISD(A)
(V)
7
15
11
13
0.50
0.60
0.70
0.80
TJ=25°C
TJ=-50°C
TJ=175°C
21
17
19
0.90
AM03896v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com