Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LIS331DLFTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # LIS331DLFTR
Description  MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331DLFTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LIS331DLFTR Datasheet HTML 6Page - STMicroelectronics LIS331DLFTR Datasheet HTML 7Page - STMicroelectronics LIS331DLFTR Datasheet HTML 8Page - STMicroelectronics LIS331DLFTR Datasheet HTML 9Page - STMicroelectronics LIS331DLFTR Datasheet HTML 10Page - STMicroelectronics LIS331DLFTR Datasheet HTML 11Page - STMicroelectronics LIS331DLFTR Datasheet HTML 12Page - STMicroelectronics LIS331DLFTR Datasheet HTML 13Page - STMicroelectronics LIS331DLFTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Mechanical and electrical specifications
LIS331DLF
10/38
Doc ID 15101 Rev 4
2.2
Electrical characteristics
Table 4.
Electrical characteristics @ Vdd = 2.5 V, T = 25 °C unless otherwise noted (1)
Symbol
Parameter
Test conditions
Min.
Typ.(2)
Max.
Unit
Vdd
Supply voltage
2.16
2.5
3.6
V
Vdd_IO
I/O pins supply voltage(3)
1.71
Vdd+0.1
V
Idd
Current consumption
in normal mode
250
µA
IddLP
Current consumption
in low-power mode
10
µA
IddPdn
Current consumption in
power-down mode
1µA
VIH
Digital high level input voltage
0.8*Vdd_IO
V
VIL
Digital low level input voltage
0.2*Vdd_IO
V
VOH
High level output voltage
0.9*Vdd_IO
V
VOL
Low level output voltage
0.1*Vdd_IO
V
ODR
Output data rate
in normal mode
DR bit set to 00
50
Hz
DR bit set to 01
100
DR bit set to 10
400
ODRLP
Output data rate
in low-power mode
PM bit set to 010
0.5
Hz
PM bit set to 011
1
PM bit set to 100
2
PM bit set to 101
5
PM bit set to 110
10
BW
System bandwidth(4)
ODR/2
Hz
Ton
Turn-on time(5)
ODR = 100 Hz
1/ODR+1ms
s
Top
Operating temperature range
-40
+85
°C
1.
The product is factory calibrated at 2.5 V. The operational power supply range is from 2.16 V to 3.6 V.
2.
Typical specification are not guaranteed
3.
It is possible to remove Vdd maintaining Vdd_IO without blocking the communication busses, in this condition the
measurement chain is powered off.
4.
Refer to
Table 20 for filter cut-off frequency
5.
Time to obtain valid data after exiting power-down mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com