Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSD813F2 Datasheet(PDF) 92 Page - STMicroelectronics

Part # PSD813F2
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 88Page - STMicroelectronics PSD813F2 Datasheet HTML 89Page - STMicroelectronics PSD813F2 Datasheet HTML 90Page - STMicroelectronics PSD813F2 Datasheet HTML 91Page - STMicroelectronics PSD813F2 Datasheet HTML 92Page - STMicroelectronics PSD813F2 Datasheet HTML 93Page - STMicroelectronics PSD813F2 Datasheet HTML 94Page - STMicroelectronics PSD813F2 Datasheet HTML 95Page - STMicroelectronics PSD813F2 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 128 page
background image
AC/DC parameters
PSD8XXFX
92/128
Doc ID 7833 Rev 7
22
AC/DC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device:
DC electrical specifications
AC timing specifications
PLD timings
Combinatorial timings
Synchronous clock mode
Asynchronous clock mode
Input macrocell timings
MCU timings
READ timings
WRITE timings
Peripheral mode timings
Power-down and Reset timings
The parameters in the DC and AC Characteristic tables that follow are derived from tests
performed under the Measurement Conditions summarized in the relevant tables. Designers
should check that the operating conditions in their circuit match the measurement conditions
when relying on the quoted parameters.
The following are issues concerning the parameters presented:
In the DC specification the supply current is given for different modes of operation.
Before calculating the total power consumption, determine the percentage of time that
the PSD is in each mode. Also, the supply power is considerably different if the Turbo
Bit is ’0.’
The AC power component gives the PLD, Flash memory, and SRAM mA/MHz
specification. Figure 34 and Figure 35 show the PLD mA/MHz as a function of the
number of Product Terms (PT) used.
In the PLD timing parameters, add the required delay when Turbo Bit is ’0.’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com