Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PXIE-5673 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # PXIE-5673
Description  Vector Signal Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PXIE-5673 Datasheet(HTML) 3 Page - National Instruments Corporation

  PXIE-5673 Datasheet HTML 1Page - National Instruments Corporation PXIE-5673 Datasheet HTML 2Page - National Instruments Corporation PXIE-5673 Datasheet HTML 3Page - National Instruments Corporation PXIE-5673 Datasheet HTML 4Page - National Instruments Corporation PXIE-5673 Datasheet HTML 5Page - National Instruments Corporation PXIE-5673 Datasheet HTML 6Page - National Instruments Corporation PXIE-5673 Datasheet HTML 7Page - National Instruments Corporation PXIE-5673 Datasheet HTML 8Page - National Instruments Corporation PXIE-5673 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BUY ONLINE at ni.com or C
ALL 800 813 3693 (U.S.)
3
Figure 5. Constellation Plot of 256-QAM
In Figure 5, a center frequency of 1 GHz, a symbol rate of 5.36 MS/s, and a
root raised cosine filter with 0.12 alpha was used. The RF power was set to -10 dBm
and analysis was performed with the NI PXIe-5663. In addition, the wide
bandwidth of an NI PXIe-5673/5673E combined with high-performance image
rejection enabled the generation of modulated signals at high symbol rates. For
example, Figure 5 shows a constellation plot of a 64-QAM signal at 40.99 MS/s
with an RMS EVM of 0.9 percent (1250 symbols, equalization disabled).
Figure 6. Constellation Plot of QPSK with 50 MHz of Bandwidth
In Figure 6, a center frequency of 825 MHz was used. The RF power was set
to -10 dBm and analysis was performed with the NI PXIe-5663. While an EVM
of 0.9 percent is a nominal value, the typical result is 1.1 percent.
In addition, the combination of high dynamic range and a linear front end
yields high-performance adjacent channel power measurements. In Figure 7,
observe the spectrum for a QPSK signal at 1 GHz center frequency.
Figure 7. Spectrum of QPSK Signal at 1 GHz
A symbol rate of 3.84 MS/s and a root raised cosine filter with alpha 0.22 is
used. As Figure 7 illustrates, an NI PXIe-5673/5673E yields an adjacent channel
power measurement of better than -69 dBc rejection when configured with the
settings described.
Flexible Software
With NI Modulation Toolkit for LabVIEW software, you can operate an
NI PXIe-5673/5673E as a general-purpose vector signal generator. Using
NI LabVIEW or LabWindows/CVI example programs, you can generate a variety
of modulated signals.
These modules are programmed with the NI-RFSG driver, which contains
several performance-enhancing characteristics. Using an optimized driver
stack combined with fast-settling VCO-based hardware, you can tune an
NI PXIe-5673/5673E to 0.1 ppm of its settling frequency with a typical tuning
time of less than 1.5 ms. With the NI PXIe-5673E, a wide-loop bandwidth
configuration results in tuning times to within 0.1 ppm of the final frequency
in under 300 µs.
You also can use the NI-RFSG driver to enhance the RF performance. With
an RF impairments API, you can manually or programmatically adjust I/Q
impairments such as gain imbalance, DC offset, and quadrature skew.
A LabVIEW property node that illustrates how you can adjust these parameters
on the fly is shown in Figure 8.
Figure 8. RFSG Impairments Property Node
Vector Signal Generator



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com