Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6730 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L6730
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L6730 Datasheet HTML 32Page - STMicroelectronics L6730 Datasheet HTML 33Page - STMicroelectronics L6730 Datasheet HTML 34Page - STMicroelectronics L6730 Datasheet HTML 35Page - STMicroelectronics L6730 Datasheet HTML 36Page - STMicroelectronics L6730 Datasheet HTML 37Page - STMicroelectronics L6730 Datasheet HTML 38Page - STMicroelectronics L6730 Datasheet HTML 39Page - STMicroelectronics L6730 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
Application details
L6730 - L6730B
36/52
Doc ID 11938 Rev 3
0 dB axis with -20 dB/decade slope and a phase margin greater than 45°. To locate poles
and zeroes of the compensation networks, the following suggestions may be used:
Modulator singularity frequencies:
Compensation network singularity frequencies:
Compensation network design:
Put the gain R5/R3 in order to obtain the desired converter bandwidth
–Place
ωZ1 before the output filter resonance ωLC;
–Place
ωZ2 at the output filter resonance ωLC;
–Place
ωP1 at the output capacitor ESR zero ωESR;
–Place
ωP2 at one half of the switching frequency;
Check the loop gain considering the error amplifier open loop gain.
Figure 30.
Asymptotic bode plot of converter's open loop gain
Cout
L
LC
=
1
ω
(13)
Cout
ESR
ESR
=
1
ω
(14)
⎟⎟
⎜⎜
+
=
19
18
19
18
5
1
1
C
C
C
C
R
P
ω
(15)
20
4
2
1
C
R
P
=
ω
(16)
19
5
1
1
C
R
Z
=
ω
(17)
()
4
3
20
2
1
R
R
C
Z
+
=
ω
(18)
LC
C
Vosc
Vin
R
R
ϖ
ϖ
Δ
=
3
5
(18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com